Electronic Components Datasheet Search
  English  ▼

X  

87300B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 87300B
Description  Agilent 87300B,C,D and 87301B,C,D,E Directional Couplers 87310B Hybrid Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

87300B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  87300B Datasheet HTML 1Page - Agilent(Hewlett-Packard) 87300B Datasheet HTML 2Page - Agilent(Hewlett-Packard) 87300B Datasheet HTML 3Page - Agilent(Hewlett-Packard) 87300B Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Model
87300B
87300C
87300D
Frequency range (GHz)
1 to 20 GHz
1 to 26.5 GHz
6 to 26.5 GHz
Nominal coupling and
variation with respect
to output (or coupling
factor over insertion loss)
10 ±0.5 dB
10 ±1 dB
10 ±0.5 dB
Frequency sensitivity
±0.35 dB, 1 to 20 GHz
±0.5 dB, 1 to 26.5 GHz
±0.3 dB
Directivity
>16 dB
>14 dB, 1 to 12.4 GHz
>12 dB, 12.4 to 26.5 GHz
>13 dB
Maximum SWR
1.35
1.35, 1 to 12.4 GHz
1.50, 12.4 to 26.5 GHz
1.40
Insertion loss
<1.5 dB
<1.2 dB, 1 to 12.4 GHz
<1.7 dB, 12.4 to 26.5 GHz
< 1.3 dB
Typical insertion loss
(dB, f = freq. in GHz)
0.6+0.04f
0.6+0.04f
.6 + 0.025f
Power rating
Average
Peak
20 W
3 kW
20 W
3 kW
20 W
3 kW
Connectors
SMA (f)
3.5 mm (f)
3.5 mm (f)
Weight in grams (oz)
74 (2.6)
60 (2.1)
31.2 (1.1)
Specifications
Model
87301B
87301C
87301D
87301E
Frequency range (GHz)
10 to 46 GHz
10 to 50 GHz
1 to 40 GHz
2 to 50 GHz
Nominal coupling and
variation with respect
to output (or coupling
factor over insertion loss)
10 ±0.7 dB
10 ±0.7 dB
13 ±1 dB
10 ±1 dB
Frequency sensitivity
±0.3 dB
±0.5 dB
±1.2 dB, 1 to 40 GHz
±0.6 dB, 2 to 26.5 GHz
±0.8 dB, 2 to 50 GHz
Directivity
>10 dB
>10 dB
>14 dB, 1 to 20 GHz
>10 dB, 20 to 40 GHz
>13 dB, 2 to 26.5 GHz
>10 dB, 26.5 to 50 GHz
Maximum SWR
1.80
1.80
1.5, 1 to 20 GHz
1.7, 20 to 40 GHz
1.5, 2 to 26.5 GHz
1.8, 26.5 to 50 GHz
Insertion loss
<1.9 dB
<1.9 dB
<1.2 dB, 1 to 20 GHz
<1.9 dB, 20 to 40 GHz
<2 dB
Typical insertion loss
.8+0.022f
.8+0.022f
0.4 + 0.035f
0.55 + 0.025f
Power rating
Average
Peak
20 W
3 kW
20 W
3 kW
20 W
3 kW
20 W
3 kW
Connectors
2.92 mm (f)
2.4 mm (f)
2.4 mm (f) or
2.92 mm (f) for Option 292
2.4 mm (f)
Weight in grams (oz)
28.4 (1)
28.4 (1)
37 (1.3)
34 (1.2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com