Electronic Components Datasheet Search
  English  ▼

X  

HMC392 Datasheet(PDF) 1 Page - Micross Components

Part # HMC392
Description  Point-to-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC392 Datasheet(HTML) 1 Page - Micross Components

  HMC392 Datasheet HTML 1Page - Micross Components HMC392 Datasheet HTML 2Page - Micross Components HMC392 Datasheet HTML 3Page - Micross Components HMC392 Datasheet HTML 4Page - Micross Components HMC392 Datasheet HTML 5Page - Micross Components HMC392 Datasheet HTML 6Page - Micross Components HMC392 Datasheet HTML 7Page - Micross Components HMC392 Datasheet HTML 8Page - Micross Components HMC392 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC392
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC392

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392 HITTITE-HMC392 Datasheet
190Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Analog Devices
HMC392A AD-HMC392A Datasheet
600Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER,
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
logo
Hittite Microwave Corpo...
HMC392LC4 HITTITE-HMC392LC4 Datasheet
198Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
More results

Similar Description - HMC392

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
Point-to-Point Radios
HMC516 MICROSS-HMC516 Datasheet
902Kb / 9P
Point-to-Point Radios
HMC519 MICROSS-HMC519 Datasheet
908Kb / 9P
Point-to-Point Radios
logo
Analog Devices
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
Point-to-Point Radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
Point-to-Point Radios
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
Point to point radios
Rev. 0
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
Point-to-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com