Electronic Components Datasheet Search
  English  ▼

X  

HMC396 Datasheet(PDF) 8 Page - Micross Components

Part # HMC396
Description  Test Equipment
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC396 Datasheet(HTML) 8 Page - Micross Components

  HMC396 Datasheet HTML 1Page - Micross Components HMC396 Datasheet HTML 2Page - Micross Components HMC396 Datasheet HTML 3Page - Micross Components HMC396 Datasheet HTML 4Page - Micross Components HMC396 Datasheet HTML 5Page - Micross Components HMC396 Datasheet HTML 6Page - Micross Components HMC396 Datasheet HTML 7Page - Micross Components HMC396 Datasheet HTML 8Page - Micross Components HMC396 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2
2 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application Circuit
Recommended Component Values
Component
Frequency (MHz)
50
1000
4000
8000
L1
270 nH
56 nH
8.2 nH
2.2 nH
C1, C2
0.01 μF
100 pF
100 pF
100 pF
Pad Number
Function
Description
Interface Schematic
1RFIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
2RFOUT
RF output and DC Bias for the output stage.
Die
Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
Note:
1. Select Rbias to achieve Icq using equation below,
Rbias > 22 Ohm.
2. External blocking capacitors are required on
RFIN and RFOUT.
Icq = Vs - 3.9
Rbias
HMC396
v02.0109
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 8 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com