Electronic Components Datasheet Search
  English  ▼

X  

HMC397 Datasheet(PDF) 6 Page - Micross Components

Part # HMC397
Description  Stable Gain Over Temperature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC397 Datasheet(HTML) 6 Page - Micross Components

  HMC397 Datasheet HTML 1Page - Micross Components HMC397 Datasheet HTML 2Page - Micross Components HMC397 Datasheet HTML 3Page - Micross Components HMC397 Datasheet HTML 4Page - Micross Components HMC397 Datasheet HTML 5Page - Micross Components HMC397 Datasheet HTML 6Page - Micross Components HMC397 Datasheet HTML 7Page - Micross Components HMC397 Datasheet HTML 8Page - Micross Components HMC397 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2
2 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Power Compression @ 7 GHz
Output P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Power Compression @ 1 GHz
Gain, Power, Output IP3 & Supply
Current vs. Supply Voltage @ 1 GHz
0
4
8
12
16
20
02
46
8
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
4
8
12
16
20
02
46
8
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
-20
-16
-12
-8
-4
0
4
8
Pout
Gain
PAE
INPUT POWER (dBm)
-10
-5
0
5
10
15
20
-20 -18 -16 -14 -12 -10 -8
-6
-4
-2
0
2
4
6
Pout
Gain
PAE
INPUT POWER (dBm)
10
14
18
22
26
30
34
02
46
8
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
0
20
40
60
80
4.5
4.75
5
5.25
5.5
Gain
P1dB
Psat
IP3
Icq
Vs(V)
HMC397
v03.0109
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 10 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com