Electronic Components Datasheet Search
  English  ▼

X  

FSQ Datasheet(PDF) 1 Page - Schurter Inc.

Part # FSQ
Description  Miniature Fuses Type FSQ 5  20
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSQ Datasheet(HTML) 1 Page - Schurter Inc.

  FSQ Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FUSES / SICHERUNGEN
FSQ 5
20
Non resettable fuses
www.schurter.com
93
Miniature Fuses
Type FSQ 5
20
quick-acting F
Glass tube
Standards
UL 248-14
CSA C22.2 No. 248.14
Approvals
UL
CSA
12
3
45
6 789 10
15
0,001
0,01
0,1
1
10
100
1'000
10'000
100'000
UL 198 G
Istwert
Multiple of rated current I
n
1,1 · In* 1,35 · In
2 · In
min.
max.
max.
400 mA – 3,5 A
4 h
1 h
120 s
Rated
current I
n
n · In
Pre-arcing time/current
characteristic (at Ta 23 °C)
* Non fusing current Inf
UL 248-14
test values
Order No. /
Rated current I
n
Breaking capacity /
Voltage drop /
Sustained
Pre-arcing
Approvals
Rated voltage U
n /
power dissipation /
l2t
n
at / bei I
n
at / bei 1,1 I
n
at / bei 10 · I
n
typ.
typ.
typ.
mV
W
A2s
0034.3951
400
mA / 250 V
170
0,1
8,2 · 10–1
••
0034.3952
500
mA / 250 V
140
0,1
2,11 · 10–1
••
0034.3953
600
mA / 250 V
150
0,1
2,58 · 10–1
••
0034.3954
700
mA / 250 V
150
0,2
4,17 · 10–1
••
0034.3955
750
mA / 250 V
150
0,2
6 · 10–1
••
0034.3956
800
mA / 250 V
140
0,2
6,62 · 10–1
••
0034.3957
1
A / 250 V
120
0,2
1,15
•
•
0034.3958
1,2
A / 250 V
110
0,2
1,82
•
•
0034.3959
1,25
A / 250 V
110
0,2
1,84
•
•
0034.3960
1,5
A / 250 V
110
0,3
3,11
•
•
0034.3961
1,6
A / 250 V
110
0,3
3,84
•
•
0034.3962
1,8
A / 250 V
100
0,3
4,07
•
•
0034.3963
2
A / 250 V
100
0,3
4,51
•
•
0034.3964
2,25
A / 250 V
100
0,3
6,77
•
•
0034.3965
2,5
A / 250 V
100
0,4
11,1
•
•
0034.3966
2,8
A / 250 V
100
0,5
12,7
•
•
0034.3967
3
A / 250 V
100
0,5
14,8
•
•
0034.3968
3,2
A / 250 V
100
0,5
19,2
•
•
0034.3969
3,5
A / 250 V
90
0,5
26,3
•
•
10 000 A / 125 V AC,
p.f. / cos
0,7-0,8
35 A / 250 V AC,
p.f. / cos
0,7-0,8
10 000 A / 125 V AC,
p.f. / cos
0,7-0,8
100 A / 250 V AC,
p.f. / cos
0,7-0,8
50
75
100


Similar Part No. - FSQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0165 FAIRCHILD-FSQ0165 Datasheet
1Mb / 24P
Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ0165 FAIRCHILD-FSQ0165 Datasheet
1Mb / 24P
Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ0165 FAIRCHILD-FSQ0165 Datasheet
892Kb / 21P
Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0165RL FAIRCHILD-FSQ0165RL Datasheet
1Mb / 24P
Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ0165RL FAIRCHILD-FSQ0165RL Datasheet
1Mb / 24P
Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
More results

Similar Description - FSQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
193 LITTELFUSE-193 Datasheet
63Kb / 2P
MINIATURE FUSES
197 LITTELFUSE-197 Datasheet
59Kb / 2P
MINIATURE FUSES - 5x20mm
358 LITTELFUSE-358 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32mm
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
5 X 20 mm FERRULE FUSES
logo
Littelfuse
DIN41571 LITTELFUSE-DIN41571_1 Datasheet
82Kb / 2P
MINIATURE FUSES 5x20mm
241 LITTELFUSE-241_06 Datasheet
103Kb / 2P
5x25mm MINIATURE FUSES
3110800002 LITTELFUSE-3110800002 Datasheet
100Kb / 2P
MINIATURE FUSES
3210080002 LITTELFUSE-3210080002 Datasheet
72Kb / 2P
MINIATURE FUSES
3540630002 LITTELFUSE-3540630002 Datasheet
73Kb / 2P
MINIATURE FUSES
20100630021P LITTELFUSE-20100630021P Datasheet
87Kb / 2P
MINIATURE FUSES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com