Electronic Components Datasheet Search
  English  ▼

X  

MLX90288 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90288
Description  SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90288 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90288 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90288 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MLX90288
SMD Programmable Linear Hall Sensor IC
Featuring Analog Ratiometric Output
3901090288
Page 13 of 19
Rev 002
May/12
7 Thermal Sensitivity Drift Compensation
7.1 Introduction
The embedded temperature sensor is digitized via the main path ADC before each analog amplified Hall
sensor voltage ADC in case TEMPSENSOR is enabled. This temperature information is used to generate
either an address for a ROM Look-up Table in order to obtain a quadratic temperature compensation
(SECONDORDERTC=1), or a value proportional to the temperature that allows a linear IC gain
compensation (SECONDORDERTC=0). Both compensations rely on the TEMPOFF and TEMPTC
parameters.
7.2 Linear Compensation (1
st Order)
The conventional linear temperature compensation proves to be adequate for small application temperature
ranges and/or small magnet temperature coefficients. In such cases the error induced by the linear approach
are limited and prove to be good enough for the desired system sensitivity drift.
7.3 Quadratic Compensation (2
nd Order)
This look up table is stored in ROM and contains the inverse transfer function of a specific magnetic flux
density over temperature. It should be used for magnets with temperature coefficients lower than -1500
ppm/degC, as is typically the case for plastic bonded magnets. Such magnet temperature coefficients can not
optimally be compensated by the linear method (see Application Note “Temperature Compensation for Linear
Programmable Hall effect sensors” on the Melexis webpage). By multiplying the output of the ROM table with
the amplified magnetic flux density signal in the digital domain, the magnet temperature drift is compensated
for, resulting in a (nearly) temperature independent sensitivity of the whole system (magnet + IC).
Figure 3: ROM table - 2
nd order gain compensation
Gain compensation
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
-50.00
-30.00
-10.00
10.00
30.00
50.00
70.00
90.00
110.00
130.00
150.00
Temperature [Degree]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com