Electronic Components Datasheet Search
  English  ▼

X  

MLX83100 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX83100
Description  MLX83100 Automotive 2-Phase DC Pre-Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83100 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX83100 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX83100 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MLX83100 Automotive 2-Phase DC Pre-Driver
Datasheet
Page 2 of 41
REVISION 5.1 –DECEMBER 13, 2016
4. Functional Diagram
Figure 4-1 Typical application diagram
Figure 4-2 Alternative application diagram with reverse polarity N-FET
MLX83100
DC Pre-Driver
ADC
MCU
LS
Gate Drivers
I/O
I/O
VDD Supply
Driver Logic
Shoot
Through
Protection
Dead
Time
Current Sense Amplifier
12V Regulator
-
Driver Supply
EN
FETB2-3
FETT2-3
GATET1
GATET2
GATEB1
GATEB2
PHASE1
PHASE2
CP1
CP2
CP3
VBATF
VREG
VSUP
DGND
AGND
VBAT
EEPROM
Custom Interface
IBP
IBM
Diagnostics
Error Output
VDD
Internal Supply
ICOM
VREF
ISENSE
3.3V-5V
Supply
HS
Gate Drivers
PWM
Charge Pump
CP
VBOOST
MISO
M
MLX83100
DC Pre-Driver
ADC
MCU
LS
Gate Drivers
I/O
I/O
VDD Supply
Driver Logic
Shoot
Through
Protection
Dead
Time
Current Sense Amplifier
12V Regulator
-
Driver Supply
EN
FETB2-3
FETT2-3
VSUP
DGND
AGND
VBAT
EEPROM
Custom Interface
Diagnostics
Error Output
VDD
Internal Supply
ICOM
VREF
ISENSE
3.3V-5V
Supply
HS
Gate Drivers
PWM
Charge Pump
CP
VBOOST
VDD
MISO
GATET1
GATET2
GATEB1
GATEB2
PHASE1
PHASE2
CP1
CP2
CP3
VBATF
VREG
IBP
IBM
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com