Electronic Components Datasheet Search
  English  ▼

X  

TS-710 Datasheet(PDF) 2 Page - Schurter Inc.

Part # TS-710
Description  CIRCUIT BREAKERS FOR EQUIPMENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TS-710 Datasheet(HTML) 2 Page - Schurter Inc.

  TS-710 Datasheet HTML 1Page - Schurter Inc. TS-710 Datasheet HTML 2Page - Schurter Inc. TS-710 Datasheet HTML 3Page - Schurter Inc. TS-710 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schurter, Inc. • Phone 707-778-6311 • Fax 707-778-6401 • E-mail info@schurterinc.com • Website http://www.schurterinc.com
216
Ambient
Correction factor
temperature [°C]
Rated current
2-4 A
5-16 A
+10
0,69
0,83
+15
0,83
0,90
+20
0,91
0,94
+25
1,00
1,00
+30
1,25
1,08
+35
1,54
1,14
+40
2,00
1,20
+45
1,30
+50
1,39
+55
1,54
+60
1,72
Rated current
2–16 A
Ambient temp..
+25
°C
2
1`00
10'000
60
2`000
500
200
100
50
20
10
5
2
1
0,5
0,3
0,2
0,1
[ sec ]
[ min ]
10
5
1
30
20
1,05
Multiple of rated current
[ x In
10
8
5
4
3
1,35
Technical data
Rated voltage Ue
See approvals, page 217
AC 125; 250 V
DC 32 V
Rated current In
See approvals, page 217
2 – 16 A
Conditional short circuit current Inc
PC1, AC 250 V
1000 A
Short circuit capacity Icn
AC 240 V
200 A
Dielectric strength
AC 1500 V
Endurance
Number of cycles at 1,5 x In (AC 125 V)
500
Type of actuation
• Reset type
R
Type of tripping
• Thermal
TO
• Cycling trip-free
Weight
approx. 10 g
Example
Rated current at +25°C
4,0 A
Ambient temperature
+30°C
Correction factor
1,25
Chosen rated current at
+30°C ambient temperature
4 A x 1,25 = 5 A
Tripping characteristic
Effect of ambient
temperature
The unit is calibrated for an ambient tem-
perature of +25°C. To determine the rated
current for a lower or higher ambient
temperature, use a correction factor from
the table below:
CIRCUIT BREAKERS FOR EQUIPMENT TS-710
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com