Electronic Components Datasheet Search
  English  ▼

X  

MLX75031 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX75031
Description  Optical Gesture & Proximity Sensing IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75031 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX75031 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
MLX75031
Optical Gesture & Proximity Sensing IC
with Integrated LED Drivers
Datasheet
REVISION 001 – JANUARY, 2013
Page 13 of 13
39010xxxxx
Table 8 : Power on Reset specification
VSup Voltage Monitor
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VSUP Measurement Range
5
20
V
VSup Low threshold voltage
VTSUPL
Default VSUPLOW<1:0>
6
V
VSup Low hysteresis
VTSUPL_hys
1
V
VSup High threshold voltage
VTSUPH
20
V
VSup High hysteresis
VTSUPH_hys
1.8
V
Gain error
VTgain_err
+/-2
%
Offset error
VToffset_err
+/-50
LSB
Voltage Monitor Noise
for averaging of 16
measurements
3
bits
Table 9 : VSup Voltage Monitor specification
SPI
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SPI word length
8
bit
High-level input voltage
VIH
0.7VDD
VDD
V
Low-level input voltage
VIL
0
0.3VDD
V
Hysteresis on digital inputs
VHYST
0.28
V
High output voltage
(not on pin MR)
VOH
CL=30pF
0.8VDD
VDD
V
Low output voltage
(not on pin MR)
VOL
CL=30pF
0
0.2VDD
V
Input leakage
ILK
-10
10
µA
Tri-state output
leakage current
IOZ
-10
10
µA
Input capacitance, per pin
CIN
10
pF
Pull up resistance
of SCLK and \CS Pin
RPU
PD -> leakage to VCCD
(causing a voltage drop
across the PD resistor)
50k
Ohm
POR
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
POR off threshold voltage
VPOR-ON
1.8
2.85
V
POR on threshold voltage
VPOR-OFF
1.7
2.75
V
POR hysteresis voltage
VHYS
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com