Electronic Components Datasheet Search
  English  ▼

X  

HMC486 Datasheet(PDF) 6 Page - Micross Components

Part # HMC486
Description  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC486 Datasheet(HTML) 6 Page - Micross Components

Back Button HMC486 Datasheet HTML 2Page - Micross Components HMC486 Datasheet HTML 3Page - Micross Components HMC486 Datasheet HTML 4Page - Micross Components HMC486 Datasheet HTML 5Page - Micross Components HMC486 Datasheet HTML 6Page - Micross Components HMC486 Datasheet HTML 7Page - Micross Components HMC486 Datasheet HTML 8Page - Micross Components HMC486 Datasheet HTML 9Page - Micross Components HMC486 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
3
3 - 44
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Power Compression @ 8 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Reverse Isolation vs. Temperature
Gain, Power & Output IP3
vs. Supply Voltage @ 8 GHz
-70
-60
-50
-40
-30
-20
-10
0
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
0
2
4
6
8
10
12
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
26
30
34
38
42
46
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
22
26
30
34
38
42
6.5
7
7.5
Gain
P1dB
Psat
OIP3
Vdd Supply Voltage (V)
0
6
12
18
24
30
36
-10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
Gain, Power & Output IP3
vs. Supply Current @ 8 GHz
22
26
30
34
38
42
700
800
900
1000
1100
1200
1300
Gain
P1dB
Psat
OIP3
Idd Supply Current (mA)
HMC486
v03.0109
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 7 - 9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com