Electronic Components Datasheet Search
  English  ▼

X  

MLX72013 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX72013
Description  FSK/ASK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX72013 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX72013 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 21Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MLX72013
433MHz
FSK/ASK Transmitter
3901072013
Page 19 of 21
Data Sheet
Rev. 007
Oct/14
11.
Package Information
Fig. 13: SOIC8 (Small Outline Integrated Circuit)
All Dimensions in mm, coplanarity < 0.1mm
D
E
H
A
A1
A2
e
B
ZD
C
L
α
α
α
α
min
4.80
3.81
5.80
1.52
0.10
1.37
1.27
0.36
0.53
0.19
0.41
0°
max
4.98
3.99
6.20
1.72
0.25
1.57
0.46
0.25
1.27
8°
all Dimension in inch, coplanarity < 0.004”
min
0.189
0.150
0.2284
0.060
0.0040
0.054
0.050
0.014
0.021
0.075
0.016
0°
max
0.196
0.157
0.2440
0.068
0.0098
0.062
0.018
0.098
0.050
8°
11.1 Soldering Information
•
The device MLX72013 is qualified for MSL1 with soldering peak temperature 260 deg C according to
JEDEC J-STD-20.
e
D
8
1
ZD
B
7°
L
DETAIL - A
DETAIL - A
0.38 x 45°
(0.015x45°)
BSC
C
.10 (.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com