Electronic Components Datasheet Search
  English  ▼

X  

HMC520 Datasheet(PDF) 1 Page - Micross Components

Part # HMC520
Description  Military Radar and ECM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC520 Datasheet(HTML) 1 Page - Micross Components

  HMC520 Datasheet HTML 1Page - Micross Components HMC520 Datasheet HTML 2Page - Micross Components HMC520 Datasheet HTML 3Page - Micross Components HMC520 Datasheet HTML 4Page - Micross Components HMC520 Datasheet HTML 5Page - Micross Components HMC520 Datasheet HTML 6Page - Micross Components HMC520 Datasheet HTML 7Page - Micross Components HMC520 Datasheet HTML 8Page - Micross Components HMC520 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC520
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC520

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
HMC520ALC4 AD-HMC520ALC4 Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
HMC520ALC4TR AD-HMC520ALC4TR Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
More results

Similar Description - HMC520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
ECM Programmable Oscillator
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
Varistor Products - Aerospace and Military
logo
List of Unclassifed Man...
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
ECM Surface Mount Crystal
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
ECM Flat Radial Coil
logo
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
Electret Condenser Microphone (ECM)
logo
Hittite Microwave Corpo...
HMC-C088 HITTITE-HMC-C088 Datasheet
715Kb / 6P
ECM Systems
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
logo
List of Unclassifed Man...
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
Defense and Military Antennas
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
Radar and sonar processing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com