Electronic Components Datasheet Search
  English  ▼

X  

HMC522 Datasheet(PDF) 7 Page - Micross Components

Part # HMC522
Description  Point-to-Point and Point-to-Multi-Point Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC522 Datasheet(HTML) 7 Page - Micross Components

  HMC522 Datasheet HTML 1Page - Micross Components HMC522 Datasheet HTML 2Page - Micross Components HMC522 Datasheet HTML 3Page - Micross Components HMC522 Datasheet HTML 4Page - Micross Components HMC522 Datasheet HTML 5Page - Micross Components HMC522 Datasheet HTML 6Page - Micross Components HMC522 Datasheet HTML 7Page - Micross Components HMC522 Datasheet HTML 8Page - Micross Components HMC522 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3
3 - 79
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
LO Freq. (GHz)
nLO Spur at RF Port
1234
10.5
43
46
52
80
11.5
48
49
61
76
12.5
48
51
63
61
13.5
44
60
67
xx
14.5
44
58
82
xx
15.5
43
51
75
xx
LO = + 15 dBm
Values in dBc below input LO level measured at RF Port.
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
-4
18
18
xx
1270
54
57
64
283
69
70
77
91
385
93
93
81
93
4
xx
86939293
RF = 13.6 GHz @ -10 dBm
LO = 13.5 GHz @ +15 dBm
Data taken without IF hybrid
All values in dBc below IF power level
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
+27 dBm
Channel Temperature
150°C
Continuous Pdiss (T=85°C)
(derate 6.9 mW/°C above 85°C)
452 mW
Thermal Resistance (R
TH
)
(junction to die bottom)
150 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 deg °C
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004”
4. BACKSIDE METALIZATION: GOLD
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. CONNECTION NOT REQUIRED FOR
UNLABELED BOND PADS.
8. OVERALL DIE SIZE ±.002”
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC522
v01.1007
GaAs MMIC I/Q MIXER
11 - 16 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com