Electronic Components Datasheet Search
  English  ▼

X  

B300002 Datasheet(PDF) 1 Page - E-SWITCH

Part # B300002
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B300002 Datasheet(HTML) 1 Page - E-SWITCH

  B300002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
EGL2290B
4:1
6/3/2016
B300002
A
rc
1
1
7
4
5
6
8
3
2
1
4
5
6
1
2
3
7
8
BLUE
LUMINOUS INTENSITY @ 20mA
FORWARD VOLTAGE @ 20mA
3.3 typ.-4.0 max.
20
V
FORWARD CURRENT
mA
100 typ.
UNITS
mcd
LED SPECS
A
22349
New Release
6/10/2016
rc
2.50
[.098 in]
5.00
[.197 in]
5.50
[.217 in]
7.65
[.301 in]
2.80
[.110 in]
1.20
[.047 in]
.10
[.004 in]
7.50
[.295 in]
2.80
[.110 in]
3.30
[.130 in]
9.50
[.374 in]
2.50
[.098 in]
3.00
[.118 in]
.60
[.024 in]
.60
[.024 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. TERMINAL NUMBERS FOR REF. ONLY
3. TOLERANCE: X.X=
0.4
X.XX=
0.25
4. RATING: 0.3A @ 6VDC
5. TRAVEL: 2.0 ±0.2
6. OPERATING FORCE: 200
150gF
7. ELECTRICAL LIFE: 10,000 CYCLES MIN.
8. CONTACT RESISTANCE: 50mW MAX.
9. INSULATION RESISTANCE: 100MW AT 500 VDC
10. DIELECTRIC STRENGTH: 500VAC
11. OPERATING TEMPERATURE: -40C to +85C
12.
DENOTES CRITICAL PARAMETER
13. 2002/95/EC (ROHS) COMPLIANT
.20
[.008 in]
2.30
[.091 in]
2.50
[.098 in]
2.50
[.098 in]
7.00
[.276 in]
10.00
[.394 in]
1.20
[.047 in]
5.00
[.197 in]
8.00
[.315 in]
CIRCUIT DIAGRAM
ON - ON
SINGLE COLOR LED
PUSH
1
2
3
4
5
6
78
+


Similar Part No. - B300002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B300000 E-SWITCH-B300000 Datasheet
148Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B300001 E-SWITCH-B300001 Datasheet
148Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B300003 E-SWITCH-B300003 Datasheet
149Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B300004 E-SWITCH-B300004 Datasheet
148Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B300005 E-SWITCH-B300005 Datasheet
149Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B300002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com