Electronic Components Datasheet Search
  English  ▼

X  

HMC554 Datasheet(PDF) 6 Page - Micross Components

Part # HMC554
Description  Microwave Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC554 Datasheet(HTML) 6 Page - Micross Components

  HMC554 Datasheet HTML 1Page - Micross Components HMC554 Datasheet HTML 2Page - Micross Components HMC554 Datasheet HTML 3Page - Micross Components HMC554 Datasheet HTML 4Page - Micross Components HMC554 Datasheet HTML 5Page - Micross Components HMC554 Datasheet HTML 6Page - Micross Components HMC554 Datasheet HTML 7Page - Micross Components HMC554 Datasheet HTML 8Page - Micross Components HMC554 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4
4 - 62
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP2 vs.
Temperature @ LO = +13 dBm *
Input IP3 vs. LO Drive *
Input IP3 vs.
Temperature @ LO = +13 dBm *
Input IP2 vs. LO Drive *
* Two-tone input power = -5 dBm each tone, 1 MHz spacing.
Input P1dB vs.
Temperature @ LO = +13 dBm
0
5
10
15
20
25
30
10
11
12
13
14
15
16
17
18
19
20
+9 dBm
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
10
20
30
40
50
60
10
11
12
13
14
15
16
17
18
19
20
+25C
+85C
-40C
FREQUENCY (GHz)
10
20
30
40
50
60
10
11
12
13
14
15
16
17
18
19
20
+9 dBm
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
0
5
10
15
20
25
30
10
11
12
13
14
15
16
17
18
19
20
+25 C
+85 C
-40 C
FREQUENCY (GHz)
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
19
25
xx
xx
1290
51
55
xx
281
85
60
88
104
3xx
97
98
76
99
4xx
xx
105
98
105
RF = 15.1 GHz @ -10 dBm
LO = 15.0 GHz @ +13 dBm
All values in dBc below the IF output power level.
6
7
8
9
10
11
12
13
14
10
11
12
13
14
15
16
17
18
19
20
+25C
+85C
-40C
FREQUENCY (GHz)
HMC554
v02.1007
GaAs MMIC FUNDAMENTAL
MIXER, 11 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com