Electronic Components Datasheet Search
  English  ▼

X  

M040119 Datasheet(PDF) 1 Page - E-SWITCH

Part # M040119
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M040119 Datasheet(HTML) 1 Page - E-SWITCH

  M040119 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R4GBLKBLKHF0
1:1
2/27/2006
M040119
F
--
1
1
1a
11a
1b
33.00
[1.299 in]
15.00
[.591 in]
8.00
[.315 in]
36.00
[1.417 in]
4.30
[.169 in]
8.50
[.335 in]
10.90
[.429 in]
2.00
[.079 in]
17.00
[.669 in]
10.00
[.394 in]
6.35
[.250 in]
27.10
[1.067 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 10A 250VAC, 15A 125VAC UL APPROVED
10A 250VAC VDE APPROVED
5. ELECTRICAL LIFE: OVER 10,000 CYCLES
6. MECHANICAL LIFE: OVER 30,000 CYCLES
7. CONTACT RESISTANCE: <20 m
Ω(INITIAL)
8. DIELECTRIC STRENGTH: >1500V 1 min
9. INSULATION RESISTANCE: >1,000 m
Ω @ 500V DC
10. OPERATING TEMPERATURE: TERMINAL SIDE -20
~C to 85~C
ROCKER SIDE -20
~C to 55~C
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
PANEL THICKNESS X
`0.05
0.75-1.25
1.25-2.00
2.00-3.00
29.65
30.15
30.50
RECOMMENDED PANEL MOUNTING
X
11.15 `0.05
[.439 `.002]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
1-1a
OPEN
1-1b
HOUSING: BLACK
ROCKER: BLACK
.80
[.031 in]
POSITION
1
POSITION
3
D
19871
UPDATE DRAWING
04/25/11
BMA
11.40
[.449 in]
11.40
[.449 in]
1
1a
1b
CIRCUIT: SPDT
POSITION
2
GRAPHICS: WHITE
E
E
19941
CORRECT ACTUATOR HEIGHT DIM
05/11/11
BMA
F
20101
CORRECT RATING
08/17/11
BMA
F


Similar Part No. - M040119

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M040110 E-SWITCH-M040110 Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M040111 E-SWITCH-M040111 Datasheet
116Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
M040112 E-SWITCH-M040112 Datasheet
162Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M040113 E-SWITCH-M040113 Datasheet
157Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M040114 E-SWITCH-M040114 Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - M040119

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com