Electronic Components Datasheet Search
  English  ▼

X  

HMC564 Datasheet(PDF) 4 Page - Micross Components

Part # HMC564
Description  Point-to-Multi-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC564 Datasheet(HTML) 4 Page - Micross Components

  HMC564 Datasheet HTML 1Page - Micross Components HMC564 Datasheet HTML 2Page - Micross Components HMC564 Datasheet HTML 3Page - Micross Components HMC564 Datasheet HTML 4Page - Micross Components HMC564 Datasheet HTML 5Page - Micross Components HMC564 Datasheet HTML 6Page - Micross Components HMC564 Datasheet HTML 7Page - Micross Components HMC564 Datasheet HTML 8Page - Micross Components HMC564 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
1 - 78
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC564
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 7 - 13.5 GHz
v00.0206
General Description
Features
Functional Diagram
The HMC564 is a high dynamic range GaAs PHEMT
MMIC Low Noise Amplifier (LNA) chip which operates
from 7 to 13.5 GHz. The HMC564 features extremely
flat performance characteristics including 17 dB of
small signal gain, 1.8 dB of noise figure and output
IP3 of 24 dBm across the operating band. This self-
biased LNA is ideal for hybrid and MCM assemblies
due to its compact size, consistent output power,
single +3V supply operation, and DC blocked RF I/O’s.
All data is measured with the chip in a 50 Ohm test
fixture connected via two 0.025 mm (1 mil) diameter
bondwires of minimal length 0.31 mm (12 mil).
Noise Figure: 1.8 dB
Gain: 17 dB
OIP3: 24 dBm
Single Supply: +3V @ 51 mA
50 Ohm Matched Input/Output
Small Size: 1.96 x 0.98 x 0.10 mm
Electrical Specifications, T
A = +25° C, Vdd 1, 2 = +3V
Typical Applications
The HMC564 is ideal for use as a LNA or driver ampli-
fier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment and Sensors
• Military & Space
Parameter
Min.
Typ.
Max.
Units
Frequency Range
7 - 13.5
GHz
Gain
14
17
dB
Gain Variation Over Temperature
0.02
0.03
dB/ °C
Noise Figure
1.8
2.2
dB
Input Return Loss
15
dB
Output Return Loss
16
dB
Output Power for 1 dB Compression (P1dB)
9
12
dBm
Saturated Output Power (Psat)
14.5
dBm
Output Third Order Intercept (IP3)
24
dBm
Supply Current (Idd)(Vdd = +3V)
51
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com