Electronic Components Datasheet Search
  English  ▼

X  

35A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 35A
Description  35A BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

35A Datasheet(HTML) 2 Page - Leshan Radio Company

  35A Datasheet HTML 1Page - Leshan Radio Company 35A Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
16C–2/2
MP351-MP3510
35A
35A BRIDGE RECTIFIERS RATING & CHARACTERISTIC CURVES
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
FORWARD VOLTAGE.VOLTS
0
80
160
35
20
15
10
5
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
10
1.0
0
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
FIG. 1 - DERATING CURVE FOR OUTPUT
RECTIFIED CURRRENT
300
250
200
100
50
0
0
1
10
100
AMBIENT TEMPERATUER.°C
NUMBER OF CYCLES AT 50Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE %
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
1Cycie
TJ = 150°C
Single Sine-Wave
TJ = 25°C
TJ = 125°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com