Electronic Components Datasheet Search
  English  ▼

X  

2192VL Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # 2192VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2192VL Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button 2192VL Datasheet HTML 5Page - Lattice Semiconductor 2192VL Datasheet HTML 6Page - Lattice Semiconductor 2192VL Datasheet HTML 7Page - Lattice Semiconductor 2192VL Datasheet HTML 8Page - Lattice Semiconductor 2192VL Datasheet HTML 9Page - Lattice Semiconductor 2192VL Datasheet HTML 10Page - Lattice Semiconductor 2192VL Datasheet HTML 11Page - Lattice Semiconductor 2192VL Datasheet HTML 12Page - Lattice Semiconductor 2192VL Datasheet HTML 13Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Specifications ispLSI 2192VL
13
Part Number Description
ispLSI 2192VL Ordering Information
Table 2-0041C/2192VL
135
7.5
128-Pin TQFP
ispLSI 2192VL-135LT128
135
7.5
144-Ball fpBGA
ispLSI 2192VL-135LB144
FAMILY
fmax (MHz)
ORDERING NUMBER
PACKAGE
tpd (ns)
ispLSI
COMMERCIAL
100
128-Pin TQFP
10
ispLSI 2192VL-100LT128
100
144-Ball fpBGA
10
ispLSI 2192VL-100LB144
150
128-Pin TQFP
6.0
ispLSI 2192VL-150LT128
150
144-Ball fpBGA
6.0
ispLSI 2192VL-150LB144
Device Number
ispLSI 2192VL
XXX
X
XXXX
Grade
Blank = Commercial
X
Speed
150 = 150 MHz
fmax
135 = 135 MHz
fmax
100 = 100 MHz
fmax
Power
L = Low
Package
-
Device Family
0212A/2192VL
T128 = 128-Pin TQFP
B144 = 144-Ball fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com