Electronic Components Datasheet Search
  English  ▼

X  

L2SC4097RT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC4097RT1
Description  Medium Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC4097RT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC4097RT1 Datasheet HTML 1Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 2Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 3Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
1
3
2
SC-70 (SOT-323)
L2SC4097RT1
2
EMITTER
3
COLLECTOR
1
BASE
Medium Power Transistor
L
2SC4097RT1
Features
1) High ICMax.
ICMax.
= 0.5mA
2) Low VCE(sat).
Optimal for low voltage operation.
3) Pb-Free Package is available.
MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Limits
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
32
V
Emitter-base voltage
VEBO
5V
Collector current
IC
0.5
A*
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~+150
°C
Collector-base breakdown voltage
BV
CBO
40
--
VI
C=100µA
Collector-emitter breakdown voltage
BV
CEO
32
--
VI
C=1mA
Emitter-base breakdown voltgae
BV
EBO
5
--
VI
E=100µA
Collector cutoff current
I
CBO
--
1
µAV
CB=20V
Emitter cutoff current
I
EBO
--
1
µAV
EB=4V
DC current transfer ratio
h
FE
180
-
390
-
V
CE=3V,IC=100mA
Collcetor-emitter saturation voltage
V
CE(sat)
--
0.4
V
I
C/IB=500mA/50mA
Transition frequency
f
T
-
250
-
MHz
V
CE=5V,IE=-20mA,f=100MHz
Output capacitance
C
ob
-
6.0
-
pF
V
CB=10V,IE=0A,f=1MHz
*PC must not be exceeded.
ELECTRICAL CHARACTERISTICS(TA= 25
°C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
L2SC4097RT1
CR
3000/Tape&Reel
L2SC4097RT1G
CR
(Pb-Free)
3000/Tape&Reel
L2SC4097RT1-1/4


Similar Part No. - L2SC4097RT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC4081QT1G LRC-L2SC4081QT1G Datasheet
147Kb / 5P
General Purpose Transistors NPN Silicon
L2SC4081QT1G LRC-L2SC4081QT1G_15 Datasheet
194Kb / 5P
General Purpose Transistors
L2SC4081QT3G LRC-L2SC4081QT3G Datasheet
147Kb / 5P
General Purpose Transistors NPN Silicon
L2SC4081RT1G LRC-L2SC4081RT1G Datasheet
147Kb / 5P
General Purpose Transistors NPN Silicon
L2SC4081RT1G LRC-L2SC4081RT1G_15 Datasheet
191Kb / 5P
General Purpose Transistors
More results

Similar Description - L2SC4097RT1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com