Electronic Components Datasheet Search
  English  ▼

X  

USB84604 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 27Page - Microchip Technology USB84604 Datasheet HTML 28Page - Microchip Technology USB84604 Datasheet HTML 29Page - Microchip Technology USB84604 Datasheet HTML 30Page - Microchip Technology USB84604 Datasheet HTML 31Page - Microchip Technology USB84604 Datasheet HTML 32Page - Microchip Technology USB84604 Datasheet HTML 33Page - Microchip Technology USB84604 Datasheet HTML 34Page - Microchip Technology USB84604 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 31
USB84604
7.0
DEVICE INTERFACES
The USB84604 provides multiple interfaces for configuration and external memory access. This chapter details the var-
ious device interfaces and their usage.
7.1
SPI Interface
The device is capable of code execution from an external SPI ROM. On power up, the firmware looks for an external
SPI flash device that contains a valid signature of 2DFU (device firmware upgrade) beginning at address 0xFFFA. If a
valid signature is found, then the external ROM is enabled and the code execution begins at address 0x0000 in the
external SPI device. If a valid signature is not found, then execution continues from internal ROM. The following sections
describe the interface options to the external SPI ROM.
The SPI interface is always enabled after reset. It can be disabled by setting the SPI_DISABLE bit in the UTIL_CON-
FIG1 register.
7.1.1
OPERATION OF THE HI-SPEED READ SEQUENCE
The SPI controller will automatically handle code reads going out to the SPI ROM address. When the controller detects
a read, the controller drives SPI_CE_N low, and outputs 0x0B, followed by the 24-bit address. The SPI controller outputs
a DUMMY byte. The next eight clocks will clock in the first byte. When the first byte is clocked-in, a ready signal is sent
back to the processor, and the processor gets one byte.
After the processor gets the first byte, its address will change. If the address is one more than the last address, the SPI
controller will clock out one more byte. If the address is anything other than one more than the last address, the SPI
controller will terminate the transaction by driving SPI_CE_N high. As long as the addresses are sequential, the SPI
controller will continue clocking data in.
7.1.2
OPERATION OF THE DUAL HIGH SPEED READ SEQUENCE
The SPI controller also supports dual data mode. When configured in dual mode, the SPI controller will automatically
handle XDATA reads going out to the SPI ROM. When the controller detects a read, the controller drives SPI_CE_N low
and outputs 0x3B (the value must be programmed into the SPI_ FR_OPCODE Register) followed by the 24-bit address.
Bits 23 through Bit 17 are forced to zero, and address bits 16 through 0 are directly from the XDATA address bus.
Because it is in fast read mode, the SPI controller then outputs a DUMMY byte. The next four clocks will clock in the
first byte. The data appears two bits at a time on SPI_DO and SPI_DI. When the first byte is clocked in, a ready signal
is sent back to the processor, and the processor gets one byte.
Note:
For information on device configuration, refer to Chapter 6.0 Device Configuration on page 27.
Note:
For SPI timing information, refer to Section 9.6.7, "SPI Timing," on page 49.
FIGURE 7-1:
SPI HI-SPEED READ SEQUENCE
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
8
0B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
DOUT
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
47 48
55 56
63 64
71 72
80
DOUT
NN+1
DOUT
N+2
DOUT
N+3
DOUT
N+4
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com