Electronic Components Datasheet Search
  English  ▼

X  

USB3250-ABZJ Datasheet(PDF) 9 Page - Microchip Technology

Part # USB3250-ABZJ
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250-ABZJ Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB3250-ABZJ Datasheet HTML 5Page - Microchip Technology USB3250-ABZJ Datasheet HTML 6Page - Microchip Technology USB3250-ABZJ Datasheet HTML 7Page - Microchip Technology USB3250-ABZJ Datasheet HTML 8Page - Microchip Technology USB3250-ABZJ Datasheet HTML 9Page - Microchip Technology USB3250-ABZJ Datasheet HTML 10Page - Microchip Technology USB3250-ABZJ Datasheet HTML 11Page - Microchip Technology USB3250-ABZJ Datasheet HTML 12Page - Microchip Technology USB3250-ABZJ Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 9
USB3250
Note 4-1
A Ferrite Bead (with DC resistance <.5 Ohms) is recommended for filtering between both the VDD3.3
and VDDA3.3 supplies and the VDD1.8 and VDDA1.8 Supplies. See FIGURE 8-9: Application
Diagram for 56-pin VQFN Package on page 39.
Note 4-2
All VSS and VSSA are bonded to the exposed pad under the IC in the package. The exposed pad
must be connected to solid GND plane on printed circuit board.
TABLE 4-3:
USB I/O SIGNALS
Name
Direction
Active Level
Description
DP
I/O
N/A
USB Positive Data Pin.
DM
I/O
N/A
USB Negative Data Pin.
TABLE 4-4:
BIASING AND CLOCK OSCILLATOR SIGNALS
Name
Direction
Active Level
Description
RBIAS
Input
N/A
External 1% bias resistor. Requires a 12K
 resistor to ground.
Used for setting HS transmit current level and on-chip termination
impedance.
XI/XO
Input
N/A
External crystal. 12MHz crystal connected from XI to XO.
TABLE 4-5:
POWER AND GROUND SIGNALS
Name
Direction
Active Level
Description
VDD3.3
N/A
N/A
3.3V Digital Supply. Powers digital pads. See Note 4-1
VDD1.8
N/A
N/A
1.8V Digital Supply. Powers digital core.
VSS
N/A
N/A
Digital Ground. See Note 4-2
VDDA3.3
N/A
N/A
3.3V Analog Supply. Powers analog I/O and 3.3V analog circuitry.
VDDA1.8
N/A
N/A
1.8V Analog Supply. Powers 1.8V analog circuitry. See Note 4-1
VSSA
N/A
N/A
Analog Ground. See Note 4-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com