Electronic Components Datasheet Search
  English  ▼

X  

USB2524-ABZJ Datasheet(PDF) 49 Page - Microchip Technology

Part # USB2524-ABZJ
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524-ABZJ Datasheet(HTML) 49 Page - Microchip Technology

Back Button USB2524-ABZJ Datasheet HTML 45Page - Microchip Technology USB2524-ABZJ Datasheet HTML 46Page - Microchip Technology USB2524-ABZJ Datasheet HTML 47Page - Microchip Technology USB2524-ABZJ Datasheet HTML 48Page - Microchip Technology USB2524-ABZJ Datasheet HTML 49Page - Microchip Technology USB2524-ABZJ Datasheet HTML 50Page - Microchip Technology USB2524-ABZJ Datasheet HTML 51Page - Microchip Technology USB2524-ABZJ Datasheet HTML 52Page - Microchip Technology USB2524-ABZJ Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
2013 - 2016 Microchip Technology Inc.
DS00001588B-page 49
USB2524
Input Buffer with Pull-
Down (IPD )
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
0.8
30
10
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
VILCK
VIHCK
IIL
1.4
-10
0.5
+10
V
V
uA
TTL Levels
VIN = 0 to VDD33
I/OSD12 Type Buffer
Low Output Level
Output Leakage
Hysteresis
VOL
IOL
VHYSI
-10
250
300
0.4
+10
350
V
µA
mV
IOL = 12 mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 11-1)
IO-U
(Note 11-2)
I-R
(Note 11-3)
Supply Current
Unconfigured
1High-Speed Hosts
1Full-Speed Hosts
ICCINIT
ICCINIT
119
117
mA
mA
Note:
1 Upstream port is in
suspend,
and
the
other Upstream Port
is in the process of
being enumerated by
an external Host con-
troller (all downstream
ports assigned to the
Upstream port under
enumeration).
Supply Current
Unconfigured
2 High-Speed Hosts
2 Full-Speed Hosts
ICCINIT
ICCINIT
199
174
mA
mA
Note:
Both Upstream Ports
are in the process of
being enumerated by
external Host control-
lers.
Supply Current
Configured
(2 upstream High-Speed
Hosts)
2 Ports @ FS/LS
2 Ports @ HS
1 Port HS, 1 Port FS/LS
3 Ports HS
4 Ports HS
IHCC2
IHCH2
IHCH1C1
IHCH3
IHCH4
198
260
240
310
340
mA
mA
mA
mA
mA
Total from all supplies
TABLE 11-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com