Electronic Components Datasheet Search
  English  ▼

X  

UCS1002-1 Datasheet(PDF) 54 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 54 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 50Page - Microchip Technology UCS1002-1 Datasheet HTML 51Page - Microchip Technology UCS1002-1 Datasheet HTML 52Page - Microchip Technology UCS1002-1 Datasheet HTML 53Page - Microchip Technology UCS1002-1 Datasheet HTML 54Page - Microchip Technology UCS1002-1 Datasheet HTML 55Page - Microchip Technology UCS1002-1 Datasheet HTML 56Page - Microchip Technology UCS1002-1 Datasheet HTML 57Page - Microchip Technology UCS1002-1 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
54
SMSC UCS1002
DATASHEET
Table 7.1 Charge Rationing Behavior
RATION_BEH
[1:0]
BEHAVIOR
ACTIONS TAKEN
NOTES
10
0
0
Report
ALERT# pin asserted.
0
1
Report and
Disconnect
(default)
1. ALERT# pin asserted.
2. Charger emulation
profile removed.
3. Port power switch
disconnected.
The HSW will not be affected.
All bus monitoring is still active.
Changing the M1, M2, EM_EN, S0, and
PWR_EN controls will cause the device to
change power states as defined by the pin
combinations; however, the port power
switch will remain off until the rationing
circuitry is reset. Furthermore, the bypass
switch will not be turned on if enabled via
the S0 control.
1
0
Disconnect and go
to Sleep
1. Port power switch
disconnected.
2. Charger emulation
profile removed.
3. Device will enter the
Sleep state.
The HSW will be disabled.
All VBUS and VS monitoring will be
stopped.
Changing the M1, M2, EM_EN, S0, and
PWR_EN controls will have no effect on the
power state until the rationing circuitry is
reset.
1
1
Ignore
Take no further action.
Table 7.2 Charge Rationing Reset Behavior
BEHAVIOR
RESET ACTIONS
Report
1. Reset the Total Accumulated Charge registers.
2. Clear the RATION status bit.
3. Release the ALERT# pin.
Report and Disconnect
1. Reset the Total Accumulated Charge registers.
2. Clear the RATION status bit.
3. Release the ALERT# pin.
4. Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the indicated
power state if the controls changed (see Note 7.1).
Disconnect and go to
Sleep
1. Reset the Total Accumulated Charge registers.
2. Clear the RATION status bit.
3. Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the indicated
power state if the controls changed (see Note 7.1).
Ignore
1. Reset the Total Accumulated Charge registers.
2. Clear the RATION status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com