Electronic Components Datasheet Search
  English  ▼

X  

2SC5211 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5211
Description  SILICON NPN TRANSISOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5211 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5211 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5211 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5211 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC5211

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC5211 KEXIN-2SC5211 Datasheet
50Kb / 1P
Small Signal Transistor
2SC5211 KEXIN-2SC5211_15 Datasheet
555Kb / 2P
NPN Transistors
More results

Similar Description - 2SC5211

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3585 NEC-2SC3585 Datasheet
103Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
International Rectifier
IRG4P254S IRF-IRG4P254S Datasheet
134Kb / 8P
INSULATED GATE BIPOLAR TRANSISOR
logo
M/A-COM Technology Solu...
PH1090-15L MA-COM-PH1090-15L Datasheet
150Kb / 4P
Avionics Pulsed Power Transisor 15W, 1030 - 1090MHz
logo
Micro Commercial Compon...
S9018-G MCC-S9018-G Datasheet
222Kb / 2P
NPN Silicon NPN Silicon
logo
Shenzhen Jin Yu Semicon...
2SC2411 HTSEMI-2SC2411 Datasheet
648Kb / 2P
TRANSISOR(NPN)
2SD2142 HTSEMI-2SD2142 Datasheet
430Kb / 1P
TRANSISOR (NPN)
2SD2413 HTSEMI-2SD2413 Datasheet
585Kb / 2P
TRANSISOR (NPN)
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
2SC3585 RENESAS-2SC3585_15 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
Texas Instruments
ULN2004AI TI1-ULN2004AI_14 Datasheet
927Kb / 17P
HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com