Electronic Components Datasheet Search
  English  ▼

X  

SST11CP22 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST11CP22
Description  5.1-5.9 GHz 802.11ac WLAN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP22 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST11CP22 Datasheet HTML 2Page - Microchip Technology SST11CP22 Datasheet HTML 3Page - Microchip Technology SST11CP22 Datasheet HTML 4Page - Microchip Technology SST11CP22 Datasheet HTML 5Page - Microchip Technology SST11CP22 Datasheet HTML 6Page - Microchip Technology SST11CP22 Datasheet HTML 7Page - Microchip Technology SST11CP22 Datasheet HTML 8Page - Microchip Technology SST11CP22 Datasheet HTML 9Page - Microchip Technology SST11CP22 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SST11CP22
DS70005126B-page 6
 2015 Microchip Technology Inc.
TABLE 3-3:
AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION VCC = 5.0V,
VPEN=2.85V, 25 °C UNLESS OTHERWISE SPECIFIED
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
5.1
5.9
GHz
Linear
Power
Output power at 3% EVM at 54 Mbps OFDM signal,
802.11a
20.5
dBm
Output power at 2.5% dynamic EVM 802.11n HT40
19
dBm
Output power 1.8% dynamic EVM MCS9 80 MHz
BW
18
dBm
ACPRA output power level with 802.11a mask com-
pliance @ 6Mbps OFDM
24
dBm
ACPRN40 output power level with 802.11n HT40
mask compliance
23
dBm
G
Power gain from 5.18-5.9 GHz
31
dB
RL
RF input return loss
10
dB
2ƒ0
Second harmonic power density at 24 dBm
-45
dBm/MHz
3ƒ0
Third harmonic power density at 24 dBm
-50
dBm/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com