Electronic Components Datasheet Search
  English  ▼

X  

MCP79400 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP79400
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79400 Datasheet(HTML) 3 Page - Microchip Technology

  MCP79400 Datasheet HTML 1Page - Microchip Technology MCP79400 Datasheet HTML 2Page - Microchip Technology MCP79400 Datasheet HTML 3Page - Microchip Technology MCP79400 Datasheet HTML 4Page - Microchip Technology MCP79400 Datasheet HTML 5Page - Microchip Technology MCP79400 Datasheet HTML 6Page - Microchip Technology MCP79400 Datasheet HTML 7Page - Microchip Technology MCP79400 Datasheet HTML 8Page - Microchip Technology MCP79400 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 3
MCP79400/MCP79401/MCP79402
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs (except SDA and SCL) w.r.t. VSS.....................................................................-0.6V to VCC +1.0V
SDA and SCL w.r.t. VSS ............................................................................................................................... -0.6V to 6.5V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins........................................................................................................................................ ≥4kV
† NOTICE:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Param.
No.
Symbol
Characteristic
Min.
Typ.(2)
Max.
Units
Conditions
D1
VIH
High-Level Input Voltage
0.7 VCC
——
V
D2
VIL
Low-Level Input Voltage
—
—
0.3 VCC
VVCC ≥ 2.5V
——
0.2 VCC
VVCC <2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger Inputs
(SDA, SCL pins)
0.05 VCC
——
V
Note 1
D4
VOL
Low-Level Output Voltage
(MFP, SDA pins)
——
0.40
V
IOL =3.0 mA; VCC =4.5V
IOL =2.1 mA; VCC =2.5V
D5
ILI
Input Leakage Current
—
—
±1
µA
VIN =VSS or VCC
D6
ILO
Output Leakage Current
—
—
±1
µA
VOUT =VSS or VCC
D7
CIN,
COUT
Pin Capacitance
(SDA, SCL, MFP pins)
——
10
pF
VCC =5.0V (Note 1)
TA = 25°C, f = 1 MHz
D8
COSC
Oscillator Pin Capacitance
(X1, X2 pins)
—3
—
pF
Note 1
D9
ICCEERD EEPROM Operating
Current
—
—
400
µA
VCC = 5.5V, SCL= 400kHz
ICCEEWR
——
3
mA
VCC =5.5V
D10
ICCREAD SRAM/RTCC Register
Operating Current
—
—
300
µA
VCC = 5.5V, SCL= 400kHz
ICCWRITE
—
—
400
µA
VCC = 5.5V, SCL= 400kHz
D11
ICCDAT
VCC Data-Retention Current
(oscillator off)
—
—
1
µA
SCL, SDA, VCC =5.5V
D12
ICCT
Timekeeping Current
—
1.2
—
µA
VCC =3.3V (Note 1)
D13
VTRIP
Power-Fail Switchover
Voltage
1.3
1.5
1.7
V
D14
VBAT
Backup Supply Voltage
Range
1.3
—
5.5
V
Note 1
Note 1:
This parameter is not tested but ensured by characterization.
2:
Typical measurements taken at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com