Electronic Components Datasheet Search
  English  ▼

X  

MCP79402 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP79402
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP79402 Datasheet HTML 22Page - Microchip Technology MCP79402 Datasheet HTML 23Page - Microchip Technology MCP79402 Datasheet HTML 24Page - Microchip Technology MCP79402 Datasheet HTML 25Page - Microchip Technology MCP79402 Datasheet HTML 26Page - Microchip Technology MCP79402 Datasheet HTML 27Page - Microchip Technology MCP79402 Datasheet HTML 28Page - Microchip Technology MCP79402 Datasheet HTML 29Page - Microchip Technology MCP79402 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 26
 2011-2016 Microchip Technology Inc.
REGISTER 5-14:
CONTROL: RTCC CONTROL REGISTER (ADDRESS 0x07)
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OUT
SQWEN
ALM1EN
ALM0EN
EXTOSC
CRSTRIM
SQWFS1
SQWFS0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
OUT:
Logic Level for General Purpose Output bit
Square Wave Clock Output Mode (SQWEN = 1):
Unused.
Alarm Interrupt Output Mode (ALM0EN = 1 or ALM1EN = 1):
Unused.
General Purpose Output Mode (SQWEN = 0, ALM0EN = 0, and ALM1EN = 0):
1
= MFP signal level is logic high
0
= MFP signal level is logic low
bit 6
SQWEN:
Square Wave Output Enable bit
1
= Enable Square Wave Clock Output mode
0
= Disable Square Wave Clock Output mode
bit 5
ALM1EN:
Alarm 1 Module Enable bit
1
= Alarm 1 enabled
0
= Alarm 1 disabled
bit 4
ALM0EN:
Alarm 0 Module Enable bit
1
= Alarm 0 enabled
0
= Alarm 0 disabled
bit 3
EXTOSC:
External Oscillator Input bit
1
= Enable X1 pin to be driven by external 32.768 kHz source
0
= Disable external 32.768 kHz input
bit 2
CRSTRIM:
Coarse Trim Mode Enable bit
Coarse Trim mode results in the MCP7940X applying digital trimming every 64 Hz clock cycle.
1
= Enable Coarse Trim mode. If SQWEN = 1, MFP will output trimmed 64 Hz(1) nominal clock signal.
0
= Disable Coarse Trim mode
See Section 5.6 “Digital Trimming” for details
bit 1-0
SQWFS<1:0>:
Square Wave Clock Output Frequency Select bits
If SQWEN = 1 and CRSTRIM = 0:
Selects frequency of clock output on MFP
00
= 1 Hz(1)
01
= 4.096 kHz(1)
10
= 8.192 kHz(1)
11
= 32.768 kHz
If SQWEN = 0 or CRSTRIM = 1:
Unused.
Note 1:
The 8.192 kHz, 4.096 kHz, 64 Hz, and 1 Hz square wave clock output frequencies are affected by digital
trimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com