Electronic Components Datasheet Search
  English  ▼

X  

409-10081 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 409-10081
Description  Crimping Die Assemblies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

409-10081 Datasheet(HTML) 2 Page - Tyco Electronics

  409-10081 Datasheet HTML 1Page - Tyco Electronics 409-10081 Datasheet HTML 2Page - Tyco Electronics 409-10081 Datasheet HTML 3Page - Tyco Electronics 409-10081 Datasheet HTML 4Page - Tyco Electronics 409-10081 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 9177
Die Assemblies 47378- 1, 48756- 1, and 48757- 1
Rev C
2
of 5
Tyco Electronics Corporation
dies and the terminal wire barrel rests against the
locator. SeeFigure3.
5. Insert the stripped wire into the terminal wire
barrel. The end of the wire must be flush with, or
extend beyond, the edge of the wire barrel.
Wire Strip Length
18.64--20.24
[.734--.797]
AB
AB
“A” Equals Insulation
Barrel
“B” Equals Wire
Barrel
PLASTI-GRIP Terminal
AMPLI-BOND Terminal
Note:
Do Not Scale
from Illustration
WIRE
DIE ASSEMBLY
COLOR
SIZE
(AWG)
INSUL DIA
(Max)
PART
NO.
TYPE
COLOR
CODE
1/0
16.05 [.632] 48756--1 Standard Expansion
Blue
1/0
17.37 [.684] 47378--1
Large Expansion
Blue
2/0
17.37 [.684] 48757--1 Standard Expansion
Yellow
Figure 2
6. Close the crimping head yoke and insert the
latch pin.
To avoid damage to the yoke, latch pin, or die
assembly, make sure that the latch pin is fully
inserted.
7. Hold terminal in position and activate power unit
to complete the crimp. Open the crimping head
yoke and remove the crimped terminal from the
dies.
If the terminal sticks in the dies after crimping,
use a rocking motion on the terminal to release it
from the die.
8. Check the termination to ensure the terminal
retains a grip on the wire. If an adjustment to the
insulation crimp is necessary, refer to Section 4,
INSULATION CRIMP ADJUSTMENT. Refer to
Figure 4 for a properly crimped terminal.
4. INSULATION CRIMP ADJUSTMENT
The insulation barrel crimping dies have three
positions: 1—Tight; 2—Medium; and 3—Loose.
1. Loosen the socket head cap screws on the
stationary die, then push the pin--key all the way in
for the loose position.
2. Hold the stationary insulation crimping die
against the pin--key to prevent the pin--key from
popping back out. Tighten the socket head cap
screws. Similarly, adjust the moving insulation
crimping die.
Always adjust both pin--keys in the same
position.
3. Crimp a terminal to the wire, as described in
Section 3, CRIMPING PROCEDURE.
4. Remove the terminal from the crimping dies and
bend the wire back and forth once. The terminal
should retain its grip or support on the wire. If the
insulation crimp does not grip or support the wire
insulation, position the pin--keys in the next tighter
position and repeat the crimping procedure.
AMPLI--BOND terminals contain a wire insulation
“grip” and PLASTI--GRIP terminals contain a wire
insulation “support.”
5. Repeat Steps 1 through 4 until the desired
insulation grip, or support, is obtained. DO NOT
use a tighter setting than is required.
5. MAINTENANCE AND INSPECTION
Tyco Electronics recommends that a maintenance
and inspection program be performed periodically to
ensure dependable and uniform terminations. The die
assembly should be inspected once a month.
Frequency of inspection should be adjusted to suit
your requirements through experience.
Figure 3
Moving
Die
Bottom of Terminal
Tongue Facing
Stationary Die
Terminal Barrel
Resting Against
Locator
Stationary
Die
CAUTION
!
NOTE
i
NOTE
i
NOTE
i



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com