Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 35Page - SMSC Corporation LAN9514 Datasheet HTML 36Page - SMSC Corporation LAN9514 Datasheet HTML 37Page - SMSC Corporation LAN9514 Datasheet HTML 38Page - SMSC Corporation LAN9514 Datasheet HTML 39Page - SMSC Corporation LAN9514 Datasheet HTML 40Page - SMSC Corporation LAN9514 Datasheet HTML 41Page - SMSC Corporation LAN9514 Datasheet HTML 42Page - SMSC Corporation LAN9514 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
39
Revision 1.2 (02-29-12)
DATASHEET
48h
FF
Class Code
49h
00
Subclass Code
4Ah
FF
Protocol Code
4Bh
40
Maximum Packet Size for Endpoint 0
4Ch-4Dh
24 04
Vendor ID (0424h)
4Eh-4Fh
00 EC
Product ID (EC00h)
50h-51h
00 01
Device Release Number (0100h)
52h
01
Index of Manufacturer String Descriptor
53h
00
Index of Product String Descriptor
54h
00
Index of Serial Number String Descriptor
55h
01
Number of Possible Configurations
56h
09
Size of Hi-Speed Configuration Descriptor in bytes (9 bytes)
57h
02
Descriptor Type (Configuration Descriptor - 02h)
58h-59h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
5Ah
01
Number of Interfaces
5Bh
01
Value to use as an argument to select this configuration
5Ch
00
Index of String Descriptor describing this configuration
5Dh
E0
Self powered and remote wakeup enabled
5Eh
01
Maximum Power Consumption is 2 mA
5Fh
09
Size of Descriptor in Bytes (9 Bytes)
60h
04
Descriptor Type (Interface Descriptor - 04h)
61h
00
Number identifying this Interface
62h
00
Value used to select alternative setting
63h
03
Number of Endpoints used for this interface (Less endpoint 0)
64h
FF
Class Code
65h
00
Subclass Code
66h
FF
Protocol Code
67h
00
Index of String Descriptor Describing this interface
68h
12
Size of Full-Speed Device Descriptor in Bytes (18 Bytes)
69h
01
Descriptor Type (Device Descriptor - 01h)
6Ah-6Bh
00 02
USB Specification Number that the device complies with (0200h)
Table 3.13 EEPROM Example - 256 Byte EEPROM (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com