Electronic Components Datasheet Search
  English  ▼

X  

LAN9514i Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9514i
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514i Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9514i Datasheet HTML 17Page - SMSC Corporation LAN9514i Datasheet HTML 18Page - SMSC Corporation LAN9514i Datasheet HTML 19Page - SMSC Corporation LAN9514i Datasheet HTML 20Page - SMSC Corporation LAN9514i Datasheet HTML 21Page - SMSC Corporation LAN9514i Datasheet HTML 22Page - SMSC Corporation LAN9514i Datasheet HTML 23Page - SMSC Corporation LAN9514i Datasheet HTML 24Page - SMSC Corporation LAN9514i Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
21
Revision 1.2 (02-29-12)
DATASHEET
Chapter 3 EEPROM Controller (EPC)
LAN9514/LAN9514i may use an external EEPROM to store the default values for the USB descriptors
and the MAC address. The EEPROM controller supports most “93C46” type EEPROMs. A total of nine
address bits are used to support 256/512 byte EEPROMs.
Note: A 3-wire style 2K/4K EEPROM that is organized for 256/512 x 8-bit operation must be used.
The MAC address is used as the default Ethernet MAC address and is loaded into the MAC’s ADDRH
and ADDRL registers. If a properly configured EEPROM is not detected, it is the responsibility of the
Host LAN Driver to set the IEEE addresses.
After a system-level reset occurs, the device will load the default values from a properly configured
EEPROM. The device will not accept USB transactions from the Host until this process is completed.
The EEPROM controller also allows the Host system to read, write and erase the contents of the Serial
EEPROM.
3.1
EEPROM Format
Table 3.1 illustrates the format in which data is stored inside of the EEPROM.
Note the EEPROM offsets are given in units of 16-bit word offsets. A length field with a value of zero
indicates that the field does not exist in the EEPROM. The device will use the field’s HW default value
in this case.
Note: For Device Descriptors, the only valid values for the length are 0 and 18.
Note: For Configuration and Interface Descriptors, the only valid values for the length are 0 and 18.
Note: The EEPROM programmer must ensure that if a String Descriptor does not exist in the
EEPROM, the referencing descriptor must contain 00h for the respective string index field.
Note: If no Configuration Descriptor is present in the EEPROM, then the Configuration Flags affect
the values of bmAttributes and bMaxPower in the Ethernet Controller Configuration Descriptor.
Note: If all String Descriptor lengths are zero, then a Language ID will not be supported.
Table 3.1 EEPROM Format
EEPROM ADDRESS
EEPROM CONTENTS
00h
0xA5
01h
MAC Address [7:0]
02h
MAC Address [15:8]
03h
MAC Address [23:16]
04h
MAC Address [31:24]
05h
MAC Address [39:32]
06h
MAC Address [47:40]
07h
Full-Speed Polling Interval for Interrupt Endpoint
08h
Hi-Speed Polling Interval for Interrupt Endpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com