Electronic Components Datasheet Search
  English  ▼

X  

PC814XP Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC814XP
Description  DIP 4pin AC Input Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC814XP Datasheet(HTML) 5 Page - Sharp Corporation

  PC814XP Datasheet HTML 1Page - Sharp Corporation PC814XP Datasheet HTML 2Page - Sharp Corporation PC814XP Datasheet HTML 3Page - Sharp Corporation PC814XP Datasheet HTML 4Page - Sharp Corporation PC814XP Datasheet HTML 5Page - Sharp Corporation PC814XP Datasheet HTML 6Page - Sharp Corporation PC814XP Datasheet HTML 7Page - Sharp Corporation PC814XP Datasheet HTML 8Page - Sharp Corporation PC814XP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
■ Model Line-up
5
Please contact a local SHARP sales representative to inquire about production status and Lead-Free options.
PC814X Series
IC [mA]
(IF
=±1mA, VCE=5V, Ta=25˚C)
with or without
Rank mark
A
0.2 to 3.0
0.5 to 1.5
PC814X
PC814X1
Through-Hole
PC814XNY
PC814X1Y
Sleeve
−
Approved
Model No.
VDE0884
Package
Lead Form
PC814XP
PC814XP1
SMT Gullwing
Taping
100pcs/sleeve
2 000pcs/reel
−
Sheet No.: D2-A03502EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com