Electronic Components Datasheet Search
  English  ▼

X  

LAN9217 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN9217
Description  16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9217 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN9217 Datasheet HTML 9Page - SMSC Corporation LAN9217 Datasheet HTML 10Page - SMSC Corporation LAN9217 Datasheet HTML 11Page - SMSC Corporation LAN9217 Datasheet HTML 12Page - SMSC Corporation LAN9217 Datasheet HTML 13Page - SMSC Corporation LAN9217 Datasheet HTML 14Page - SMSC Corporation LAN9217 Datasheet HTML 15Page - SMSC Corporation LAN9217 Datasheet HTML 16Page - SMSC Corporation LAN9217 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 139 page
background image
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9217
13
Revision 2.9 (03-01-12)
DATASHEET
1.12
Host Bus Interface (SRAM Interface)
The host bus interface provides a FIFO interface for the transmit and receive data paths, as well as
an interface for the LAN9217 Control and Status Registers (CSR’s).
The host bus interface is the primary bus for connection to the embedded host system. This interface
models an asynchronous SRAM. TX FIFO, RX FIFO, and CSR’s are accessed through this interface.
Programmed I/O transactions are supported.
The LAN9217 host bus interface supports 16-bit bus transfers. Internally, all data paths are 32-bits
wide. The LAN9217 can be interfaced to either Big-Endian or Little-Endian processors.
1.13
External MII Interface
The LAN9217 also supports the ability to interface to an external PHY device. This interface is
compatible with all IEEE 802.3 MII compliant physical layer devices. For additional information on the
MII interface and associated signals, please refer to Section 3.11, "MII Interface - External MII
Switching," on page 43 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com