Electronic Components Datasheet Search
  English  ▼

X  

175145-2 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 175145-2
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175145-2 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 175145-2 Datasheet HTML 4Page - Tyco Electronics 175145-2 Datasheet HTML 5Page - Tyco Electronics 175145-2 Datasheet HTML 6Page - Tyco Electronics 175145-2 Datasheet HTML 7Page - Tyco Electronics 175145-2 Datasheet HTML 8Page - Tyco Electronics 175145-2 Datasheet HTML 9Page - Tyco Electronics 175145-2 Datasheet HTML 10Page - Tyco Electronics 175145-2 Datasheet HTML 11Page - Tyco Electronics 175145-2 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
85
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
Application Tooling
(Continued)
Mounting Hardware
AMP-O-LECTRIC Model G Terminating Machine
The Model "G" Terminator is the most advanced design in
the long-standing series of AMP-O-LECTRIC machines for
terminating wire using reeled terminals and contacts. It
features a reliable direct motor drive system. Its modular
construction enables it to be used either as a bench-top unit,
or in combination with fully-automatic lead-making equipment.
For operator convenience, access to and lighting in the target
area has been improved and the Crimp Quality Monitor (CQM)
has been moved to eye level for bench-top use.
The Model "G" is also quieter, plus improved guarding meets
applicable European and domestic safety requirements.
• Quieter
• Improved guarding and lighting
• Toolless changeover of applicators
• Precision manual- or auto-adjust for crimp height
• Total and batch counter
• Accepts all existing Tyco Electronics miniature applicators,
with minor modifications
• Reduced maintenance requirements
• Request Catalog 65828 for specifications and part numbers
Hand Tool
The crimping section incorporates
Straight Action construction for
improved reliability as with
automachine.
Part No.:
See the preceding page.
Minimum order quantity: 1
Mini-Applicator
Part Number: Contact Technical Support.
Minimum order quantity: 1
Attachment
Sequential Clip
Part Number: 179993-1
AMP-3K/40 and AMP-5K/40 Terminating
Machines
The AMP-3K/40 and AMP-5K/40 Terminators
are designed for customers that require the
increased output and quality of a semi-
automatic machine at a competitive price. By
incorporating the most commonly requested
features as standard and offering a long list of
optional equipment, these terminators offer
flexibility to meet the specific needs of various
applications at the lowest possible cost.
• 3,000 lb. [1361 kg] max. crimp force
(AMP-3K/40)
5,000 lb. [2268 kg] max. crimp force
(AMP-5K/40)
• Toolless removal of applicators and guards
• Jog capability
• Quiet, fast operation — 80/76 dBA and cycle time less
than 0.400 seconds
• Accepts Heavy Duty Mini style applicators
• Wide range of optional equipment such as toolless
precision crimp height adjust, batch counter, CQM
capability and work light
• Order Catalog 1654856 for specifications and part numbers
Mini-Applicator
Part Number: Contact Technical Support
Minimum order quantity: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com