Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9115 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9115 Datasheet HTML 35Page - SMSC Corporation LAN9115 Datasheet HTML 36Page - SMSC Corporation LAN9115 Datasheet HTML 37Page - SMSC Corporation LAN9115 Datasheet HTML 38Page - SMSC Corporation LAN9115 Datasheet HTML 39Page - SMSC Corporation LAN9115 Datasheet HTML 40Page - SMSC Corporation LAN9115 Datasheet HTML 41Page - SMSC Corporation LAN9115 Datasheet HTML 42Page - SMSC Corporation LAN9115 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9115
39
Revision 1.5 (07-11-08)
DATASHEET
3.10
Power Management
LAN9115 supports power-down modes to allow applications to minimize power consumption. The
following sections describe these modes.
3.10.1
System Description
Power is reduced to various modules by disabling the clocks as outlined in Table 3.9, “Power
Management States,” on page 40. All configuration data is saved when in either of the two low power
states. Register contents are not affected unless specifically indicated in the register description.
3.10.2
Functional Description
There is one normal operating power state, D0 and there are two power saving states: D1, and D2.
Upon entry into either of the two power saving states, only the PMT_CTRL register is accessible for
read operations. In either of the power saving states the READY bit in the PMT_CTRL register will be
cleared. Reads of any other addresses are forbidden until the READY bit is set. All writes, with the
exception of the wakeup write to BYTE_TEST, are also forbidden until the READY bit is set. Only when
in the D0 (Normal) state, when the READY bit is set, can the rest of the device be accessed.
Note 3.4
The LAN9115 must always be read at least once after power-up, reset, or upon return from
a power-saving state, otherwise write operations will not function.
In system configurations where the PME signal is shared amongst multiple devices, the WUPS field
within the PMT_CTRL register can be read to determine which LAN9115 device is driving the PME
signal.
When the LAN9115 is in a power saving state (D1 or D2), a write cycle to the BYTE_TEST register
will return the LAN9115 to the D0 state. Table 7.1, “Power Consumption Device Only,” on page 130
and Table 7.2, “Power Consumption Device and System Components,” on page 131, shows the power
consumption values for each power state.
Note 3.5
When the LAN9115 is in a power saving state, a write of any data to the BYTE_TEST
register will wake-up the device. DO NOT PERFORM WRITES TO OTHER
ADDRRESSES while the READY bit in the PMT_CTRL register is cleared.
3.10.2.1
D1 Sleep
Power consumption is reduced in this state by disabling clocks to portions of the internal logic as
shown in Table 3.9. In this mode the clock to the internal PHY and portions of the MAC are still
operational. This state is entered when the host writes a '01' to the PM_MODE bits in the Power
Management (PMT_CTRL) register. The READY bit in PMT_CTRL is cleared when entering the D1
state.
Wake-up frame and Magic Packet detection are automatically enabled in the D1 state. If properly
enabled via the WOL_EN and PME_EN bits, the LAN9115 will assert the PME hardware signal upon
the detection of the wake-up frame or magic packet. The LAN9115 can also assert the host interrupt
(IRQ) on detection of a wake-up frame or magic packet. Upon detection, the WUPS field in PMT_CTRL
will be set to a 10b.
Note 3.6
The PME interrupt status bit (PME_INT) in the INT_STS register is set regardless of the
setting of PME_EN.
Note 3.7
Wake-up frame and Magic Packet detection is automatically enabled when entering the D1
state. For wake-up frame detection, the wake-up frame filter must be programmed before
entering the D1 state (see Section 3.5, "Wake-up Frame Detection," on page 28). If used,
the host interrupt and PME signal must be enabled prior to entering the D1 state.
A write to the BYTE_TEST register, regardless of whether a wake-up frame or Magic Packet was
detected, will return LAN9115 to the D0 state and will reset the PM_MODE field to the D0 state. As
noted above, the host is required to check the READY bit and verify that it is set before attempting
any other reads or writes of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com