Electronic Components Datasheet Search
  English  ▼

X  

175145 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 175145
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175145 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 175145 Datasheet HTML 13Page - Tyco Electronics 175145 Datasheet HTML 14Page - Tyco Electronics 175145 Datasheet HTML 15Page - Tyco Electronics 175145 Datasheet HTML 16Page - Tyco Electronics 175145 Datasheet HTML 17Page - Tyco Electronics 175145 Datasheet HTML 18Page - Tyco Electronics 175145 Datasheet HTML 19Page - Tyco Electronics 175145 Datasheet HTML 20Page - Tyco Electronics 175145 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
94
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
D-5200Mα — High Current
Type
Appearance
Board mounting pitch: 400mils (10.16mm)
Dielectric Withstanding Voltage: 3,000V (for one minute)
Voltage Rating: 630V AC
D-5
M
Receptacle Contact, refer to the appropriate pages
Receptacle
Housing
Board-mount
Tab Header
(Horizontal Type)
Receptacle Housing
Board-mount Tab Header
(Horizontal Type)
X
Y
XX
YY
XY
No. of
Pos.
Keying
2
4
* The 2 pos. receptacles use same 2 pos. housing of D-5200S Series.
The 4 pos. receptacles use same 4 pos. housing of D-5200M Series.
The contacts, however, are D-5α (Silver plated type).
1-179958-2
2-179958-2
1-917807-2
2-917807-2
3-917807-2
Part Number of
Receptacle Housings
—
—
1-1318983-6
2-1318983-6
3-1318983-6
Part Number of Board-mounting
Tab Headers (Horizontal Type)
Part Number Chart
Keying
Keying is provided with this product (D-5200Mα) to help prevent misinsertion. Three types, XX, YY, and XY, are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com