Electronic Components Datasheet Search
  English  ▼

X  

8ETH06F Datasheet(PDF) 8 Page - International Rectifier

Part # 8ETH06F
Description  Hyperfast Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETH06F Datasheet(HTML) 8 Page - International Rectifier

  8ETH06F Datasheet HTML 1Page - International Rectifier 8ETH06F Datasheet HTML 2Page - International Rectifier 8ETH06F Datasheet HTML 3Page - International Rectifier 8ETH06F Datasheet HTML 4Page - International Rectifier 8ETH06F Datasheet HTML 5Page - International Rectifier 8ETH06F Datasheet HTML 6Page - International Rectifier 8ETH06F Datasheet HTML 7Page - International Rectifier 8ETH06F Datasheet HTML 8Page - International Rectifier 8ETH06F Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
8ETH06, 8ETH06S, 8ETH06-1, 8ETH06FP
Bulletin PD-20746 rev. F 02/04
www.irf.com
5°± 0.5°
R0.5
R0.7 (2 PLACES)
3.1
HOLE ø 3.4
10.4
0.7
TYP.
5°± 0.5°
0.9
2.54 TYP.
2.54
10.6
0.48
2.85
2.8
1.4
1.15
1.05
1.3
0.44
2.65
2.6
TYP
10°
Outline Table
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (8 = 8A)
2
-
E
= Single Diode
3
-
T
= TO-220, D2Pak
4
-
H
= HyperFast Recovery
5
-
Voltage Rating (06 = 600V)
6
-
"-1" = TO-262 Option
S= D2Pak
None = TO-220AC
FP
= TO-220 FULLPACK
8E
T
H
06
- 1
6
Conforms to JEDEC Outline TO-220 FULLPACK
Dimensions in millimeters and (inches)
Anode
1
3
Cathode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com