Electronic Components Datasheet Search
  English  ▼

X  

175362 Datasheet(PDF) 15 Page - Tyco Electronics

Part # 175362
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175362 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 175362 Datasheet HTML 11Page - Tyco Electronics 175362 Datasheet HTML 12Page - Tyco Electronics 175362 Datasheet HTML 13Page - Tyco Electronics 175362 Datasheet HTML 14Page - Tyco Electronics 175362 Datasheet HTML 15Page - Tyco Electronics 175362 Datasheet HTML 16Page - Tyco Electronics 175362 Datasheet HTML 17Page - Tyco Electronics 175362 Datasheet HTML 18Page - Tyco Electronics 175362 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
92
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
D-5200M — Modular Type
(Continued)
Mating Dimensions
Receptacle Housing
Tab Housing
Panel Type
Free-hanging
Type
Panel / Free-hanging Type
Horizontal Type (When used as modular unit)
Vertical Type (When used as modular unit)
No. of
Pos.
4
6
Part Number of Tab Housing
Dimensions
AB
C
D
E
F
47
38
33.44
29.36
21.11
30.40
57
48
43.60
39.52
31.27
40.50
Panel Type
J
-917809-2
J
-917809-3
Free-hanging Type
J
-917808-2
J
-917808-3
No. of
Positions
Part Number of
Receptacle Housing
Dimensions
AB
33.36
23.76
43.52
33.92
4
6
J
-917807-2
J
-917807-3
Panel Cutout
When mounting panel from the front,
apply clamping torque of less than
49N [11 lbf].
Mating Tab Connector
Part Number:
J
-917809-J
J
-917808-J
1123829-1
J
-1123309-J
Mating Receptacle
Housing
Part Number:
J
-917807-J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com