Electronic Components Datasheet Search
  English  ▼

X  

178304 Datasheet(PDF) 31 Page - Tyco Electronics

Part # 178304
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

178304 Datasheet(HTML) 31 Page - Tyco Electronics

Back Button 178304 Datasheet HTML 27Page - Tyco Electronics 178304 Datasheet HTML 28Page - Tyco Electronics 178304 Datasheet HTML 29Page - Tyco Electronics 178304 Datasheet HTML 30Page - Tyco Electronics 178304 Datasheet HTML 31Page - Tyco Electronics 178304 Datasheet HTML 32Page - Tyco Electronics 178304 Datasheet HTML 33Page - Tyco Electronics 178304 Datasheet HTML 34Page - Tyco Electronics 178304 Datasheet HTML 35Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
108
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Dyna-Tap Connectors (Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
Many pieces of FA
equipment are produced by
assembling sub-units with
divided functions in the final
assembly line. Power for
each sub-unit of conven-
tional equipment is
branched from the power
supply bus line over a
printed circuit board. In
order to save valuable
printed circuit board space,
Tyco Electronics has
developed Dyna-Tap
Connectors from which
power can be tapped
without printed circuits.
Dyna-Tap Connectors are a
part of Dynamic Series,
which are developed as
power supply connectors.
Dyna-Tap Connectors are
optimized for branching
power from the power sup-
ply bus line.
In order to cope with three
power systems, which are
the most popular in the
industry, 6-position connec-
tors are specified.
Product Lineup
Free-hanging type and
panel mount type are
available. The part number
of the mating connector is
1-178288-6.
Applications
I
Power taps in elevator
towers
I
Power taps for power
protective relays
I
Power taps among sub-
units of semiconductor
producing equipment
I
Power supplies for
equipment on production
lines
Performance Characteristics
Voltage Rating — 250 VAC
Current Rating — 8A (18-position,
with AWG#14)
Position — 6 pos. x 3 = 18 pos.
Durability — 500 cycles
Technical Document
Product Specification
108-5754
Product Facts
I
As many Dyna-Tap
Connectors will be fixed on
casings where dust
protection will be needed,
dust covers are incorporated
into the design. With the
dust cover, this connector
can be applied in various
environments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com