Electronic Components Datasheet Search
  English  ▼

X  

10ETF10 Datasheet(PDF) 3 Page - International Rectifier

Part # 10ETF10
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF10 Datasheet(HTML) 3 Page - International Rectifier

  10ETF10 Datasheet HTML 1Page - International Rectifier 10ETF10 Datasheet HTML 2Page - International Rectifier 10ETF10 Datasheet HTML 3Page - International Rectifier 10ETF10 Datasheet HTML 4Page - International Rectifier 10ETF10 Datasheet HTML 5Page - International Rectifier 10ETF10 Datasheet HTML 6Page - International Rectifier 10ETF10 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
10ETF.. QUIET
IR Series
I2146 rev. A 11/99
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
1.5
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
62
°C/W
to Ambient
R
thCS
Typical Thermal Resistance, Case to
0.5
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12(10)
Case Style
TO-220AC
JEDEC
Thermal-Mechanical Specifications
Parameters
10ETF..
Units
Conditions
Kg-cm
(Ibf-in)
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
11 5
12 0
12 5
13 0
13 5
14 0
14 5
15 0
0246
8
1 0
1 2
30 °
60 °
90°
120°
180°
Co nd uc tio n A ng le
A v e rag e Fo rw ard C ur re n t ( A )
10 E T F.. Se ries
R
( D C ) = 1 .5 °C / W
thJ C
11 5
12 0
12 5
13 0
13 5
14 0
14 5
15 0
02
468
1 0
1 2
1 4
1 6
DC
30 °
60 °
90 °
120 °
18 0 °
Co nd uc tion Pe riod
A v e ra g e Fo rw a rd C u rre n t ( A )
10 E T F.. Se rie s
R
( D C ) = 1 .5 ° C/ W
thJ C
0
2
4
6
8
10
12
14
16
0
246
8
1 0
RMS Limit
180 °
120 °
90 °
60 °
30 °
Co nd uctio n A ng le
Average Forw ard Current (A)
10.TF.. Series
T = 150 °C
J
0
4
8
12
16
20
24
0
2468
1 0
1 2
1 4
1 6
DC
180 °
120 °
90 °
60 °
30 °
RM S L im it
Co nd uction Pe rio d
A v e ra g e Fo rw a rd C u rre n t ( A )
1 0 E T F.. S e rie s
T = 1 5 0 °C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com