Electronic Components Datasheet Search
  English  ▼

X  

10ETF12 Datasheet(PDF) 4 Page - International Rectifier

Part # 10ETF12
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12 Datasheet(HTML) 4 Page - International Rectifier

  10ETF12 Datasheet HTML 1Page - International Rectifier 10ETF12 Datasheet HTML 2Page - International Rectifier 10ETF12 Datasheet HTML 3Page - International Rectifier 10ETF12 Datasheet HTML 4Page - International Rectifier 10ETF12 Datasheet HTML 5Page - International Rectifier 10ETF12 Datasheet HTML 6Page - International Rectifier 10ETF12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
10ETF.. QUIET
IR Series
I2146 rev. A 11/99
Fig. 8 - Recovery Time Characteristics, T
J
= 25°C
Fig. 9 - Recovery Time Characteristics, T
J
=150°C
Fig.7-ForwardVoltageDropCharacteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
40
60
80
10 0
12 0
14 0
16 0
18 0
11 0
1 0 0
N um b er O f Eq ua l A m plitu de Hal f C y cl e C ur rent P u ls es (N )
In itia l T = 1 5 0 °C
@ 60 H z 0.008 3 s
@ 50 H z 0.010 0 s
J
A t A n y Ra t e d L o a d C o nd itio n A n d W ith
R a te d V
A p p lie d Fo llo w in g S u rg e .
RRM
10ET F.. Series
40
60
80
10 0
12 0
14 0
16 0
18 0
20 0
0.01
0.1
1
Pulse Train Duration (s)
V ersus Pulse Train Duration.
In itial T = 1 50°C
No Voltage Reapplied
Rated V
Reapplied
RR M
J
M a xim u m N o n R e pe titiv e Surg e C urre nt
10E TF.. Se ries
1
10
10 0
1000
0.51
1. 5
2
2 .533 .5
44 .5
T = 25°C
Instan taneous Forward Voltage (V )
T = 150 °C
J
J
10ETF.. Series
0
0.1
0.2
0.3
0.4
0.5
0.6
0
4 0
8 0
1 20
1 6 0
2 00
R a te O f Fall O f Fo rw ard C u rre n t - di/ d t ( A / µs)
1 A
5 A
8 A
2 A
I
= 1 0 A
FM
1 0 E T F.. S e r ie s
T = 25 °C
J
0
0.2
0.4
0.6
0.8
0
4 0
8 0
1 20
16 0
2 0 0
Ra t e O f Fa ll O f Fo rw a rd C u rre n t - di/d t ( A / µ s)
1 A
5 A
I
= 1 0 A
FM
2 A
8 A
1 0 E T F.. S e rie s
T = 150 ° C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com