Electronic Components Datasheet Search
  English  ▼

X  

MBR7520 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR7520
Description  Not ESD Sensitive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR7520 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR7520 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR7520 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR7520 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V - 40 V
IF(AV) = 75 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
MBR7520(R) MBR7530(R)
Unit
Repetitive peak reverse voltag
VRRM
20
30
V
RMS reverse voltage
VRMS
14
21
V
DC blocking voltage
VDC
20
30
V
2. Reverse polarity (R): Stud is anode.
MBR7520 thru MBR7540R
MBR7540(R)
35
25
MBR7535(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
Conditions
40
28
40
35
• Types from 20 V to 40 V VRRM
DC blocking voltage
VDC
20
30
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBR7520(R) MBR7530(R)
Unit
Average forward current (per
pkg)
IF(AV)
75
75
A
Maximum forward voltage
(per leg)
0.75
0.75
11
10
10
20
20
Thermal characteristics
Thermal resistance, junction-
case (per leg)
R
ΘJC
0.6
0.6
°C/W
Inch ponds
(in-pb)
20
Tj = 25 °C
IFM = 75 A, Tj = 25 °C
Conditions
-55 to 150
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
-55 to 150
MBR7540(R)
11
MBR7535(R)
0.6
Tj = 150 °C
0.6
0.75
0.75
20
mA
V
-55 to 150
-55 to 150
40
35
TC = 125 °C
75
75
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
1000
1000
1000
1000
A
Tj = 100 °C
10
10
Mounting torque
30
30
30
30
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBR7520

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Naina Semiconductor ltd...
MBR7520 NAINA-MBR7520 Datasheet
123Kb / 2P
Schottky Power Diode, 75A
logo
GeneSiC Semiconductor, ...
MBR7520 GENESIC-MBR7520 Datasheet
640Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR7520R TEL-MBR7520R Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Naina Semiconductor ltd...
MBR7520R NAINA-MBR7520R Datasheet
123Kb / 2P
Schottky Power Diode, 75A
More results

Similar Description - MBR7520

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
Not ESD Sensitive
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
314Kb / 3P
Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR60030CTL GENESIC-MBR60030CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
Not ESD Sensitive
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
Not ESD Sensitive
MBR3545 GENESIC-MBR3545 Datasheet
781Kb / 3P
Not ESD Sensitive
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR8020 GENESIC-MBR8020 Datasheet
367Kb / 3P
Not ESD Sensitive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com