Electronic Components Datasheet Search
  English  ▼

X  

2N4351 Datasheet(PDF) 1 Page - Calogic, LLC

Part # 2N4351
Description  N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N4351 Datasheet(HTML) 1 Page - Calogic, LLC

  2N4351 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel Enhancement Mode
MOSFET General Purpose
Amplifier/Switch
2N4351
FEATURES
•• Low ON Resistance
•• Low Capacitance
•• High Gain
•• High Gate Breakdown Voltage
•• Low Threshold Voltage
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Drain-Source Voltage or Drain-Body Voltage . . . . . . . . . . 25V
Peak Gate-Source Voltage (Note 1) . . . . . . . . . . . . . . .
±125V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 375mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . 3mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4351
Hermetic TO-72
-55
oC to +150oC
X2N4351
Sorted Chips in Carriers
-55
oC to +150oC
LLC
PIN CONFIGURATION
TO-72
G
D
C
S
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
BVDSS
Drain-Source Breakdown Voltage
25
V
ID = 10
µA, VGS = 0
IGSS
Gate Leakage Current
10
pA
VGS =
±30V, VDS = 0
IDSS
Zero-Gate-Voltage Drain Current
10
nA
VDS = 10V, VGS = 0
VGS(th)
Gate-Source Threshold Voltage
1
5
V
VDS = 10V, ID = 10
µA
ID(on)
"ON" Drain Current
3
mA
VGS = 10V, VDS = 10V
VDS(on)
Drain-Source "ON" Voltage
1
V
ID = 2mA, VGS = 10V
rDS(on)
Drain-Source Resistance
300
ohms
VGS = 10V, ID = 0, f = 1kHz
| yfs |
Forward Transfer Admittance
1000
µSVDS = 10V, ID = 2mA, f = 1kHz
Crss
Reverse Transfer Capacitance (Note 2)
1.3
pF
VDS = 0, VGS = 0, f = 1MHz
Ciss
Input Capacitance (Note 2)
5.0
VDS = 10V, VGS = 0, f = 1MHz
Cd(sub)
Drain-Substrate Capacitance (Note 2)
5.0
VD(SUB) = 10V, f = 1MHz
td(on)
Turn-On Delay (Note 2)
45
ns
tr
Rise Time (Note 2)
65
td(off)
Turn-Off Delay (Note 2)
60
tf
Fall Time (Note 2)
100
NOTES: 1. Device must not be tested at
±125V more than once or longer than 300ms.
2. For design reference only, not 100% tested.
1003
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539 510-656-2900 PHONE, 510-651-1076 FAX
DS002 REV A


Similar Part No. - 2N4351

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
logo
Linear Integrated Syste...
2N4351 LINEAR-2N4351 Datasheet
217Kb / 2P
N-CHANNEL MOSFET ENHANCEMENT MODE
logo
Intersil Corporation
2N4351 INTERSIL-2N4351 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
N-CHANNEL ENHANCEMENT
logo
Micross Components
2N4351 MICROSS-2N4351 Datasheet
315Kb / 1P
an enhancement mode N-Channel Mosfet
More results

Similar Description - 2N4351

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
3N165 CALOGIC-3N165 Datasheet
26Kb / 2P
Monolithic Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
3N170 CALOGIC-3N170 Datasheet
22Kb / 2P
N-Channel Enhancement Mode MOSFET Switch
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
3N190 CALOGIC-3N190 Datasheet
27Kb / 2P
Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier
IT1750 CALOGIC-IT1750 Datasheet
17Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
M116 CALOGIC-M116 Datasheet
19Kb / 1P
Diode Protected N-Channel Enhancement Mode MOSFET General Purpose Amplifier
3N163 CALOGIC-3N163 Datasheet
28Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
2N4352 CALOGIC-2N4352_15 Datasheet
124Kb / 1P
P-Channel Enhancement Mode MOSFET Amplifier/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com