Electronic Components Datasheet Search
  English  ▼

X  

DNP331 Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNP331
Description  THROUGH-HOLE SHAPE - INFRARED LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNP331 Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  DNP331 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20
THROUGH-HOLE SHAPE - INFRARED LED
n
Infrared LED
Unit
nm
mA
mW/sr
mA
mW
mA
MHz
mA
Part No.
Features
Peak
Wavelength
l P
Cut-Off Frequency
Fc
Output Power
Po
I F
Spatial Distribution
(The typical distribution example of
each shape is shown below)
TYP.
I F
TYP.
Shape
fig.
MIN.
1F
TYP.
MIN.
Radiant Intensity
I E
I F
TYP.
60∞
0∞
30∞
60∞
90∞
90∞
30∞
0.5
90∞
60∞
30∞
0∞
30∞
60∞
90∞
0.5
90∞
60∞
30∞
0∞
30∞
60∞
90∞
0.5
90∞
60∞
30∞
0∞
30∞
60Åã
90Åã
0.5
90∞
60∞
30∞
0∞
30∞
60∞
90∞
0.5
90∞
60∞
30∞
0∞
30∞
60∞
90∞
0.5
AN304
AN333
AN501
DN501
AN504
DN504
f5 package
f3 package
Double-end
package
Double-end
package
Side-view
package
Side-view
package
950
950
950
850
950
850
50
50
50
50
50
50
6
5
3
5.2
1.5
4
15
10
5
10.4
3.0
8
50
50
50
50
50
50
9
5
6
10
5
12
50
50
50
50
50
50
—
—
—
—
—
—
0.5
0.5
0.5
30
0.5
30
50
50
50
50
50
50
1
2
3
3
4
4
Ta= 25°C
v
All above products contain no lead
* Lead-free soldering compatible product
*
*
*
*
*
*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com