Electronic Components Datasheet Search
  English  ▼

X  

TH8056 Datasheet(PDF) 28 Page - Melexis Microelectronic Systems

Part # TH8056
Description  Enhanced Single Wire CAN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8056 Datasheet(HTML) 28 Page - Melexis Microelectronic Systems

Back Button TH8056 Datasheet HTML 24Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 25Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 26Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 27Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 28Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 29Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 30Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 31Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 32Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
TH8056
Enhanced Single Wire CAN Transceiver
TH8056 – Datasheet
Page 28 of 34
3901008056
June 2012
Rev 014
6.
Tape and Reel Specification
6.1
Tape Specification
Standard Reel with diameter of 13“
Package
Parts per Reel
Width
Pitch
SOIC14
3000
16 mm
8 mm
SOIC8
3000
12 mm
8 mm
D0
E
P0
P2
Tmax
T1 max
G1 min
G2 min
B1 max
D1 min
F
P1
Rmin
T2 max
W
SOIC14
1.5
+0.1
1.75
±
0.1
4.0
±
0.1
2.0
±
0.1
0.6
0.1
0.75
0.75
12.1
1.5
7.5
±
0.1
4 – 12
±
0.1
30
8.0
16.0
±
0.3
SOIC8
1.5
+0.1
1.75
±
0.1
4.0
±
0.1
2.0
±
0.1
0.6
0.1
0.75
0.75
8.2
1.5
5.5
±
0.05
4
±
0.1
30
6.5
12.0
±
0.3
A0, B0, K0 can be calculated with package specification. Cover Tape width 13.3 mm.
max. 10°
Top View
Sectional View
max. 10°
IC pocket
R
m
in
.
W
F
E
Cover Tape
P
0
P
2
D0
P
1
D
1
< A
0
>
B
0
G
2
G1
T
2
T
T1
B1
K
0
S
1
Abwickelrichtung



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com