Electronic Components Datasheet Search
  English  ▼

X  

62C1024L Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # 62C1024L
Description  128K x 8 LOW POWER CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

62C1024L Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  62C1024L Datasheet HTML 1Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 2Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 3Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 4Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 5Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 6Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 7Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 8Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. E
11/26/03
IS62C1024L
ISSI®
DATA VALID
tAA
tOHA
tOHA
tRC
DOUT
ADDRESS
AC WAVEFORMS
READ CYCLE NO. 1(1,2)
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
480
Ω
100 pF
Including
jig and
scope
255
Ω
OUTPUT
5V
480
Ω
5 pF
Including
jig and
scope
255
Ω
OUTPUT
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com