Electronic Components Datasheet Search
  English  ▼

X  

MLX92221 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX92221
Description  2-Wire Hall Effect Latch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92221 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX92221 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MLX92221-AAA
2-Wire Hall Effect Latch
390109224100 Rev. 1
Page 3 of 14
June/13
3 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
(1, 2)
VDD
+27V
V
Supply Current
(1, 2, 3)
IDD
+20
mA
Supply Current
(1, 3, 4)
IDD
+50
mA
Reverse Supply Voltage
(1, 2)
VDDREV
-24
V
Reverse Supply Current
(1, 2, 5)
IDDREV
-20
mA
Reverse Supply Current
(1, 4, 5)
IDDREV
-50
mA
Maximum Junction Temperature
(6)
TJ
+165
C
Operating Temperature Range
TA
-40 to 150
C
Storage Temperature Range
TS
-55 +165
C
ESD Sensitivity
– HBM
(7)
-
3000
V
ESD Sensitivity
– MM
(8)
-
400
V
ESD Sensitivity
– CDM
(9)
-
1000
V
Magnetic Flux Density
B
Unlimited
mT
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
1 The maximum junction temperature should not be exceeded
2 For maximum 1 hour
3 Including current through protection device
4 For maximum 1000 ms
5 Through protection device
6 For 1000 hours.
7 Human Model according AEC-Q100-002 standard
8 Machine Model according AEC-Q100-003 standard
9 Charged Device Model according AEC-Q100-011 standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com