Electronic Components Datasheet Search
  English  ▼

X  

MLX90254 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90254
Description  Differential Dynamic Hall Effect Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90254 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90254 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90254 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MLX90254
Differential Dynamic Hall Effect Sensor
3901090254
Page 2 of 10
Datasheet
Rev. 006
Feb/12
1. Functional Diagram
2
S . ( B1 - B2 )
Filter
Filter
4
Voltage
Regulator
3
Pin 1 – Not used
Pin 2 – Vdd (Supply)
Pin 3 – Vss (Ground)
Pin 4 - Output
2. Description
The MLX90254 is a Differential Dynamic Hall Effect Sensor which has been developed for automotive
crankshaft and ABS (anti-lock brake system) applications. The IC, combined with a magnet placed at his
back, offers speed and position sensing of ferromagnetic tooth-wheels in dynamic operation (non zero
speed). Its low hysteresis enables it to operate over a wide range of air gaps from -40°C to 150°C.
The use of two Hall cells makes the operation sensitive to a rotation of the IC around its normal axis.
The output structure is an Open-Drain NMOS transistor with a capability of 25 mA under 24V and
protected against short-circuits. The IC is packaged in 4-SIP VA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com