Electronic Components Datasheet Search
  English  ▼

X  

MLX90333 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90333
Description  Triaxis짰 Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90333 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90333 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
MLX90333
Tria⊗
⊗
⊗
⊗is® Position Sensor
3901090333
Page 21 of 48
Data Sheet
Rev. 007
Jul/2013
13.
Description of End-User Programmable Items
13.1. Output Configuration
The parameter MAINMODE defines the output stages configuration
MAINMODE
OUT1
OUT2
0
ALPHA
BETA
1
BETA
ALPHA
2
ALPHA
ALPHA DERIVATE / SWITCH(22)
3
BETA
BETA DERIVATE / SWITCH(22)
13.2. Output Mode
The MLX90333 outputs type is defined by the Output Mode parameter.
Parameter
Value
Description
Analog Output Mode
2
Analog Rail-to-Rail
PWM Output Mode
5
7
Low Side (NMOS)
Push-Pull
Serial
N/A
Low Side (NMOS)
13.2.1. Analog Output Mode
The Analog Output Mode is a rail-to-rail and ratiometric output with a push-pull output stage configuration
allows the use of a pull-up or pull-down resistor.
13.2.2. PWM Output Mode
If one of the PWM Output modes is selected, the output signal is a digital signal with Pulse Width
Modulation (PWM).
In mode 5, the output stage is an open drain NMOS transistor (low side), to be used with a pull-up resistor
to VDD.
In mode 7, the output stage is a push-pull stage for which Melexis recommends the use of a pull-up
resistor to VDD.
The PWM polarity of the Out 1 (Out 2) is selected by the PWMPOL1 (PWMPOL2) parameter:
•
PWMPOL1 (PWMPOL2) = 0 for a low level at 100%
•
PWMPOL1 (PWMPOL2) = 1 for a high level at 100%
The PWM frequency is selected by the PWM_Freq parameter.
PWM Frequency Code
Oscillator Mode
Pulse-Width Modulation Frequency (Hz)
100
200
500
1000
Low Speed
35000
17500
7000
3500
22 Derivate = BCH , Switch = BCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com