Electronic Components Datasheet Search
  English  ▼

X  

MLX90129 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90129
Description  13.56MHZ SENSOR TAG / DATALOGGER IC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90129 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90129 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
MLX90129
13.56MHZ SENSOR TAG / DATALOGGER IC
3901090129
Page 13 of 60
Data Sheet
Rev 009
Jun/12
7.3 Internal Devices
The term Internal Devices designates the registers used to configure the main “non-memory” digital units:
sensor interface, SPI / RFID interfaces, DMA … All these registers are part of the Internal Device Address
Domain
:
The registers linked to the SPI and RFID interfaces, called SPI/RFID core control word and SPI/RFID core
interrupt/status word
have the same definition, but are physically different and may contain some different
data. The content of these registers are explained in the following chapters (SPI, RFID). Some of these bits
may be used to avoid conflicts for the memories access, when communicating with SPI and RFID at the
same time. For that, they can be accessed at any time via SPI or RFID.
The SPI / RFID local buffers store the result data of the last transaction. They are useful for example when
the A/D conversion time is too long and does not fit the timing requirements of the RFID protocol.
The EE-Latches contain some non-volatile data, immediately available (no delay, no supply), used for the
options of the clock and power management.
The registers of the DMA unit called Current destination address are used to give a status of the process (the
number of words that have been registered).
The ADC buffer sensor 0, sensor 1 and sensor 2 allow to start a sensor conversion according to the sensor
configuration saved in EEPROM in the sensor 0, 1 and 2 configuration are. The conversion starts with the
reading of the buffer. The output of the conversion is available in the SPI / RFID local buffer.
Map of the Internal Device Address Domain
Addr
From SPI side
From RFID side
Link
SPI / RFID
0x00
SPI core control word
RFID core control word
Page 33 / 29
0x01
SPI core interrupt/status word (read only)
RFID core interrupt/status word (read only)
Page 33 / 29
0x02
SPI local buffer (read only)
RFID local buffer (read only)
Page 33 / 29
Addr
Access by SPI and RFID
Link
Non-volatile memory
0x03
EE-Latches word 0
Page 14 / 53
0x04
EE-Latches word 1
Page 14 / 52
Direct Memory Access (DMA)
0x05
Current destination address (read only)
Page 40
Sensors
0x06
ADC buffer sensor 0
Page 15
0x07
ADC buffer sensor 1
Page 15
0x08
ADC buffer sensor 2
Page 15
Contactless-tuning capacitance (CTC)
0x09
CTC code
Page 14
Note:
The internal devices having the addresses 0x00, 0x01, 0x02, 0x05 are registers. Those having the addresses 0x03, 0x04,
0x09 are EE-Latches, and those whose addresses are 0x06, 0x07, and 0x08 refer to the ADC output buffers. The read /
write delays are specified for all kind of internal devices, when accessing them via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com